Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1885C1E102JA01D Datasheet(PDF) 7 Page - International Rectifier

Part # GRM1885C1E102JA01D
Description  USER GUIDE FOR IR3894 EVALUATION BOARD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM1885C1E102JA01D Datasheet(HTML) 7 Page - International Rectifier

Back Button GRM1885C1E102JA01D Datasheet HTML 3Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 4Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 5Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 6Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 7Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 8Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 9Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 10Page - International Rectifier GRM1885C1E102JA01D Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IRDC3894-P1V2
12/22/2011
7
Bill of Materials
Item Qty
Part Reference
Value
Description
Manufacturer
Part Number
1
1
C1
330uF
SMD Electrolytic F size 25V 20%
Panasonic
EEV-FK1E331P
2
4
C2 C3 C4 C5
10uF
1206, 25V, X5R, 20%
TDK
C3216X5R1E106M
3
3
C7 C14 C24
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01B
4
1
C12
1nF
0603, 25V, COG, 5%
Murata
GRM1885C1E102JA01D
4
1
C8
2200pF
0603,50V,X7R,10%
Murata
GRM188R71H222KA01B
5
1
C11
220pF
0603, 50V, COG, 5%
Murata
GRM1885C1H2201JA01D
68
C15 C16 C17 C18 C19 C20
C33 C34
22uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J226M
7
1
C23
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C475M
8
1
C26
10nF
0603, 25V, X7R, 10%
Murata
GRM188R71E103KA01J
9
1
C32
1.0uF
0603, 25V, X5R, 10%
Murata
GRM188R61E105KA12D
10
1
L1
0.51uH
SMD 11.0x7.2x7.5mm,0.29mΩ
Vitec
59PR9876N
11
1
R1
1.82k
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1821V
12
2
R2 R11
4.02k
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4021V
13
2
R3 R12
2.87k
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF2871V
14
1
R4
100
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1000V
15
1
R6
20
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF20R0V
16
1
R9
39.2k
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3922V
17
5
R10 R13 R14 R15 R50
0
Thick Film, 0603,1/10W
Panasonic
ERJ-3GEY0R00V
18
2
R17 R18
49.9k
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4992V
19
1
R19
7.5k
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF7551V
20
1
U1
IR3894
PQFN 5x6mm
IR
IR3894MPBF


Similar Part No. - GRM1885C1E102JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM1885C1E102JA01D IRF-GRM1885C1E102JA01D Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
GRM1885C1E102JA01D IRF-GRM1885C1E102JA01D Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
GRM1885C1E102JA01D IRF-GRM1885C1E102JA01D Datasheet
4Mb / 14P
   USER GUIDE FOR IR3895 EVALUATION BOARD
More results

Similar Description - GRM1885C1E102JA01D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com