Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8316R2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FOD8316R2
Description  2.5A Output Current, IGBT Drive Optocoupler
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8316R2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD8316R2 Datasheet HTML 1Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 2Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 3Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 4Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 5Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 6Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 7Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 8Page - Fairchild Semiconductor FOD8316R2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8316 Rev. 1.2.0
2
Truth Table
Pin Definitions
VIN+
VIN–
UVLO
(VDD2 – VE)
DESAT
Detected?
FAULT
VO
X
X
Active
X
X
Low
XXX
Yes
Low
Low
Low
XXXX
Low
X
High
X
X
X
Low
High
Low
Not Active
No
High
High
Pin #
Name
Description
1VIN+
Non inverting gate drive control input
2VIN–
Inverting gate drive control input
3VDD1
Positive input supply voltage (3V to 5.5V)
4
GND1
Input ground
5
RESET
FAULT reset input
6FAULT
Fault output (open drain)
7VLED1+
LED 1 anode (must be left unconnected)
8VLED1-
LED 1 cathode (must be connected to ground)
9VSS
Output supply voltage (negative)
10
VSS
Output supply voltage (negative)
11
VO
Gate drive output voltage
12
VS
Source of pull-up PMOS transistor
13
VDD2
Positive output supply voltage
14
DESAT
Desaturation voltage input
15
VLED2+
LED 2 anode (must be left unconnected)
16
VE
Output Supply Voltage/IGBT Emitter
1
2
3
4
5
6
7
8
VIN+
VIN–
VDD1
GND1
RESET
FAULT
VLED1+
VLED1-*
VE
VLED2+
DESAT
VDD2
VS
VO
VSS
VSS
16
15
14
13
12
11
10
9
*Pin 8 (VLED1-) is internally connected to Pin 4 (GND1).


Similar Part No. - FOD8316R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
FOD8316R2V ONSEMI-FOD8316R2V Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316R2V ONSEMI-FOD8316R2V Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
More results

Similar Description - FOD8316R2

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com