Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1091LUA-033+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1091LUA-033+
Description  Automotive Temperature Range Spread-Spectrum EconOscillator™
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1091LUA-033+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1091LUA-033+ Datasheet HTML 1Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 2Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 3Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 4Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 5Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 6Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 7Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 8Page - Maxim Integrated Products DS1091LUA-033+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DS1091L
Automotive Temperature Range
Spread-Spectrum EconOscillator™
3
Maxim Integrated
Note 1: All voltages are referenced to ground. Currents entering the IC are specified positive and currents exiting the IC are negative.
Note 2: Supply current measured with CL = 15pF, VCC = 3.6V, TA = +25°C, fOUT = 66.6MHz, no dither.
Note 3: No dither.
Note 4: Guaranteed by design.
Note 5: For aging characteristics, contact factory.
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40NC to +125NC, unless otherwise noted.)
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency Range
fOUT
(Note 3)
0.130
66.6
MHz
Output Center Frequency
Tolerance
D
fOUT
VCC = 3.3V, TA = +25NC
-0.25
0
+0.25
%
Across TA and VCC
-1.75
+1.75
0NC to +70NC, across VCC
-1.2
+1.2
Power-Up Time
tPU
(Note 4)
0.1
ms
Load Capacitance
CL
15
50
pF
Duty Cycle
< 33.3MHz (Note 3)
50
%
R
33.3MHz (Note 3)
40
60
Jitter (RMS), 50MHz
0.3
%
7.4
7.8
7.6
8.4
8.2
8.0
9.0
8.8
8.6
9.2
-40
20
-10
50
80
110
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3.6V
VCC = 3.3V
VCC = 3.0V
-1.75
-0.75
-1.25
0.25
-0.25
1.25
0.75
1.75
-40
20
50
-10
80
110
FREQUENCY VARIATION
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3.3V
NO DITHER
fOUT = 130kHz
fOUT = 66MHz
-0.25
-0.10
-0.15
-0.20
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
3.0
3.2
3.1
3.3
3.4
3.5
3.6
FREQUENCY VARIATION
vs. VOLTAGE
VCC (V)
fOUT = 66MHz
fOUT = 130kHz
NO DITHER


Similar Part No. - DS1091LUA-033+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091LUA+027 MAXIM-DS1091LUA+027 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+033 MAXIM-DS1091LUA+033 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+066 MAXIM-DS1091LUA+066 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUA+XXX MAXIM-DS1091LUA+XXX Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
More results

Similar Description - DS1091LUA-033+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
   Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com