Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3356 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3356
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3356 Datasheet(HTML) 2 Page - Texas Instruments

  AM3356 Datasheet HTML 1Page - Texas Instruments AM3356 Datasheet HTML 2Page - Texas Instruments AM3356 Datasheet HTML 3Page - Texas Instruments AM3356 Datasheet HTML 4Page - Texas Instruments AM3356 Datasheet HTML 5Page - Texas Instruments AM3356 Datasheet HTML 6Page - Texas Instruments AM3356 Datasheet HTML 7Page - Texas Instruments AM3356 Datasheet HTML 8Page - Texas Instruments AM3356 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 222 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717D – OCTOBER 2011 – REVISED MAY 2012
www.ti.com
– Error Locator Module (ELM)
• Real-Time Clock (RTC)
Used in Conjunction with the GPMC to
– Real-Time Date (Day/Month/Year/Day of
Locate Addresses of Data Errors from
Week) and Time (Hours/Minutes/Seconds)
Syndrome Polynomials Generated Using
Information
a BCH Algorithm
– Internal 32.768-kHz Oscillator, RTC Logic
Supports 4-Bit, 8-Bit, and 16-Bit per 512-
and 1.1-V Internal LDO
byte Block Error Location Based on BCH
– Independent Power-on-Reset
Algorithms
(RTC_PWRONRSTn) Input
• Programmable Real-Time Unit and Industrial
– Dedicated Input Pin (EXT_WAKEUP) for
Communication Subsystem (PRU-ICSS)
External Wake Events
– Supports protocols such as EtherCAT®,
– Programmable Alarm Can be Used to
PROFIBUS, PROFINET, EtherNet/IP™, and
Generate Internal Interrupts to the PRCM (for
more
Wake Up) or Cortex-A8 (for Event
– Peripherals Inside the PRU-ICSS
Notification)
One UART Port with Flow Control Pins,
– Programmable Alarm Can be Used with
Supports Up to 12 Mbps
External Output (PMIC_POWER_EN) to
Enable the Power Management IC to Restore
Two MII Ethernet Ports that Support
Non-RTC Power Domains
Industrial Ethernet, such as EtherCAT
• Peripherals
One MDIO Port
– Up to Two USB 2.0 High-Speed OTG Ports
One Enhanced Capture (eCAP) Module
with Integrated PHY
• Power Reset and Clock Management (PRCM)
– Up to Two Industrial Gigabit Ethernet MACs
Module
(10/100/1000 Mbps)
– Controls the entry and Exit of Stand-By and
Integrated Switch
Deep-Sleep Modes
Each MAC Supports MII/RMII/RGMII and
– Responsible for Sleep Sequencing, Power
MDIO Interfaces
Domain Switch-Off Sequencing, Wake-Up
Sequencing and Power Domain Switch-On
Ethernet MACs and Switch Can Operate
Sequencing
Independent of Other Functions
– Clocks
IEEE 1588v2 Precision Time Protocol
(PTP)
Integrated 15-35 MHz High-Frequency
Oscillator Used to Generate a Reference
– Up to Two Controller-Area Network (CAN)
Clock for Various System and Peripheral
Ports
Clocks
Supports CAN Version 2 Parts A and B
Supports Individual Clock Enable/Disable
– Up to Two Multichannel Audio Serial Ports
Control for Subsystems and Peripherals
(McASP)
to Facilitate Reduced Power
Transmit/Receive Clocks Up to 50 MHz
Consumption
Up to Four Serial Data Pins per McASP
Five ADPLLs to Generate System Clocks
Port with Independent TX/RX Clocks
(MPU Subsystem, DDR Interface, USB
Supports Time Division Multiplexing
and Peripherals [MMC/SD, UART, SPI,
(TDM), Inter-IC Sound (I2S), and similar
I2C, etc.], L3, L4, Ethernet, GFX [SGX530],
Formats
LCD Pixel Clock)
Supports Digital Audio Interface
– Power
Transmission (SPDIF, IEC60958-1, and
Two Non-Switchable Power Domains
AES-3 Formats)
(Real-Time Clock [RTC], Wake-Up Logic
FIFO Buffers for Transmit and Receive
[WAKE-UP])
(256 bytes)
Three Switchable Power Domains (MPU
– Up to Six UARTs
Subsystem [MPU], SGX530 [GFX],
All UARTs Support IrDA and CIR Modes
Peripherals and Infrastructure [PER])
All UARTs Support RTS and CTS Flow
Implements SmartReflex™ Class 2B for
Control
Core Voltage Scaling Based On Die
UART1 Supports Full Modem control
Temperature, Process Variation and
– Up to Two Master/Slave McSPI Serial
Performance (Adaptive Voltage Scaling
Interfaces
[AVS])
Up to Two Chip Selects
Dynamic Voltage Frequency Scaling
(DVFS)
Up to 48 MHz
2
Device Summary
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Similar Part No. - AM3356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3356 TI1-AM3356 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3356 TI-AM3356 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3356 TI1-AM3356 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3356 TI-AM3356 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3356 TI1-AM3356 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Similar Description - AM3356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com