Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74277004 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74277004
Description  Plastic Spring Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74277004 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74277004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
A
24,0
mm
B
15,0
mm
C
15,0
mm
D
2,5
mm
E
31,0
mm
F
2,5
mm
G
5,5
mm
AF
Neugestaltung
06-11-24
Name
Änderung / modification
Datum / date
Farbe / colour:
grau / grey
1 Satz = 2 Stück
1 Set = 2 pieces
7427250
7427251
7427253
7427256
..................................................................
..................................................................................
..................................................................................
Würth Elektronik
F Werkstoffe & Zulassungen / material & approvals:
A Mechanische Abmessungen / dimensions:
Kunde / customer :
74277004
Plastik-Klammer
Plastic Spring Clip
Artikelnummer / part number :
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
UL-Zulassungen / UL-approval:
Kunststoff / plastic material:
UL94-V2
PA 6.6
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM/DATE: 2006-11-24
Datum / date
..................................................................
Unterschrift / signature
Kontrolliert / approved
Kunde / customer
Freigabe erteilt / general release:
C Bemerkung / Comment
B geeignet für / suitable for:
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety
and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits
that require high safety and reliability functions or performance.
A
B
D
C
G
E
F
5,0
SEITE 1 VON 1


Similar Part No. - 74277004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427700 WURTH-7427700 Datasheet
36Kb / 1P
   Plastic Spring Clip
74277001 WURTH-74277001 Datasheet
206Kb / 3P
   WE-FAP Mounting for Flat Ferrite Core
74277002 WURTH-74277002 Datasheet
219Kb / 3P
   WE-FAP Mounting for Flat Ferrite Core
74277003 WURTH-74277003 Datasheet
213Kb / 3P
   WE-FAP Mounting for Flat Ferrite Core
74277005 WURTH-74277005 Datasheet
36Kb / 1P
   Metal Spring Clip
More results

Similar Description - 74277004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427700 WURTH-7427700 Datasheet
36Kb / 1P
   Plastic Spring Clip
logo
List of Unclassifed Man...
561-SCP375132 ETC2-561-SCP375132 Datasheet
179Kb / 2P
   Spring Clip
logo
Wurth Elektronik GmbH &...
74277005 WURTH-74277005 Datasheet
36Kb / 1P
   Metal Spring Clip
74277006 WURTH-74277006 Datasheet
35Kb / 1P
   Metal Spring Clip
logo
ALPS ELECTRIC CO.,LTD.
SCTA ALPS-SCTA Datasheet
461Kb / 1P
   Spring Contact(micro clip)
logo
List of Unclassifed Man...
BU-61 ETC2-BU-61 Datasheet
49Kb / 1P
   Alligator Clip with Cage Spring Barrel
logo
Wurth Elektronik GmbH &...
74272571 WURTH-74272571 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (mounted with metal spring clip)
logo
Precid-Dip Durtal SA
0900-1-CLIP PREDIP-0900-1-CLIP Datasheet
470Kb / 1P
   Series 0900-CLIP High Reliability Spring Loaded Contact
Rev. P2
logo
Molex Electronics Ltd.
0549320000 MOLEX7-0549320000 Datasheet
83Kb / 2P
   MTC??Plastic Lever, For Spring Type Receptacle
logo
Schneider Electric
ZBZ001 SCHNEIDER-ZBZ001 Datasheet
119Kb / 2P
   Harmony XB4, Clip-on legend holder, plastic, black
Nov 22, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com