Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM60-52B1-B1R850 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM60-52B1-B1R850
Description  0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM60-52B1-B1R850 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  MM60-52B1-B1R850 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-B1R850 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-B1R850 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-B1R850 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-B1R850 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-B1R850 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MM60-52B1-B1R850 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10
Dimensions and specifications subject to change without notice.
MM60 SERIES CONNECTORS
0.8mm (.031") Contact Spacing, Compatible to PCI Express Mini Card
• • • • • • • • • • • • • •
The MM60 series is a module socket compatible to specifications
standardized in the PCI-SIG
FEATURES
• Compatible with PCI-SIG standard for PCI
Express Mini-Card and PCI Express cards and
modules for USB transmission
• Available with mounting latch for complete
connector and module
• Latch has operating portion on both ends for
module ejection
• Module available with two mounting heights
• Connector and latch suitable for automated
mounting
• Embossed tape and reel packaging
GENERAL SPECIFICATIONS
Number of Contacts
52 pos.
Contact Spacing
0.8mm (.031")
Contact Resistance
55m milliohms max. (initial)
Dielectric Withstanding Voltage
AC 300Vr.m.s (per minute)
Operating Temperature
-40°C to +80°C
Rated Current
0.5A per pin
Lifetime
50 times
Insertion Loss
1dB min.(1.25Ghz max.)
-5dB min.(3.75Ghz max.)
Return Loss
12dBmax.(1.3GHz max.)
-7dBmax.(2Ghz max.)
-4dB(3.75GHz max.)
Cross talk (near end)
-32dB max.(1.25Ghz max.)
-26dBmax.(3.75Ghz max.)
MATERIALS AND FINISHES
Connector
Contact
Copper alloy/Contact area: Gold plating over Nickel
Terminal area: Gold flash over Nickel
Insulator
Heat resistant material (UL94V-0)
Hold Down
Copper Alloy/Tin plating
Latch
Contact
Stainless steel/ Tin plating
Insulator
Heat resistant material (UL94V-0)
MM60 - 52 B
1 - * 1
R***
Series
No. of Contacts
Socket Type
Key Type
Height Mod Code
B = 3.9mm
E = 5.9mm
Contact Finish
1 - Gold Plating (0.1µm)
Tape and Reel
R850 - 850 pcs/reel (B)
R50 - 650 pcs/reel (E)
ORDERING INFORMATION - Connector
MM60 - EZ
****
- B 5 R***
Series
Latch type
Application Connector Height
Height Mod Code B = HO39
Height Mod Code E = HO59
With Boss
5 - Tin Plating
Tape and Reel
R850 - 850 pcs/reel (B)
R50 - 650 pcs/reel (E)
ORDERING INFORMATION - Latch
Connector Profile (Ref.)
24.2
(.952)
24.2
(.952)
1.5
(.059)
0.9
(.035)
0.9
(.035)
0.8
(.031)
1.4
(.055)
2.5
(.560)
0.5
(.019)
6.8
(.269)
5.15
(.202)
28.4ax.
(1.118)
25
(.984)
12.5
(.492)
2.2
(.086)
1.6
(.062)
8.0
(.314)
4.8
(.188)
29.7
(1.169)
5.6
(.220)
5.9
(.232)
4.05
(.159)
16


Similar Part No. - MM60-52B1-B1R850

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM60-52B1-B1 JAE-MM60-52B1-B1 Datasheet
460Kb / 6P
   Compatible with PCI Express Mini Card
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com