Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170203183C Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 170203183C
Description  12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

170203183C Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  170203183C Datasheet HTML 1Page - Advantech Co., Ltd. 170203183C Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless and Multi-functional Panel PCs
Features
PPC-L128T
12.1" Fanless Panel PC with
Intel® Atom™ N270 Processor
Introduction
The PPC-L128T is 12.1" Fanless panel PC that delivers high performance while consuming low power. The PPC-L128T operates with low noise and provides display resolutions
up to 1024 x 768 (XGA) pixels. The PPC-L128T is equipped with dual Gigabit Ethernet connectors supporting either failover or LAN teaming. Advantech’s customization services
and optional accessories including wireless modules, battery packs, and SATA optical devices, allowing system integrators to design tailor-made solutions for a host of industrial
applications. And PPC-L128T optionally supports a sunlight readable display, making it suitable for outdoor use.
Specifications
Processor System
CPU
Intel Atom Processor N270 1.6 GHz
CPU Front Side Bus
533 MHz
Chipset
Intel 945GSE + Intel ICH7M
Secondary Cache
512 KB L2 Cache
Memory
200-pin DDR2 533 SODIMM x1 Up to 2 GB
DVD+/-RW
Optional (989KL128T00E)
SSD
Supports one CompactFlash Type II, socket
HDD
One internal SATA interface- 2.5" Type
Network (LAN)
2 x 10/100/1000 Mbps (RJ-45)
Fully Integrated I/O and Speakers
3 Serial Ports: RS-232 x 2, RS-232/422/485 x 1; 1 GPIO port
1 VGA Port ; PS/2 Mouse and Keyboard
Line-in/ Line-out/ Mic-in
Built-in 1W x 2 speakers, USB 2.0 ports x 4
Bus Expansion
1 x expansion slot for PCI/PCIe card
1 x MINI PCIe slot
Front Panel Protection
IP65 compliant
Weight
3.63 kg (7.98 Ib)
Dimensions (W x H x D)
340.5 x 269.3 x 70.5 mm (13.41" x 10.6 x 2.78")
OS Support
Microsoft Windows XPe/XP Pro, Vista, Windows 7 and WES 7
Power Supply
12 ~ 24 VDC
PPC-L128T-R80/080 series
PPC-L128T-R81/081 series
LCD Display
Display Type
12.1" Color TFT LCD
12.1" Color TFT LCD (LED backlight)
Max. Resolution
1024 x 768
1024 x 768
Colors
262 K
262 K
Pixel Pitch (mm)
0.240 x 0.240
0.240 x 0.240
Viewing Angle
160°/160°
160°/160°
Luminance (cd/m2)
450
600
Brightness Control
Yes (by BIOS)
Yes (by BIOS)
Backlight Lifetime
50,000 hours
50,000 hours
Touchscreen (optional)
Type
Analog Resistive 5 wires (ELO)
Analog Resistive 5 wires (AMT), Anti-Corrosive type
Resolution
Continuous
2048 x 2048
Light Transmission
80 %
80 %
Controller
USB Interface
RS232 Interface (COM4)
Durability (Touches)
35 million
35 million
Environmental Specifications
Operating Temperature
0-45° C (32-113° F)
Relative Humidity
10 ~ 95 % @ 40° C, non-condensing
Shock
10 G peak acceleration (11ms duration)
Vibration
1 G
EMC
CE, FCC Class B, BSMI
Safety
CE CB, UL, BSMI, CCC , VCCI
ƒ 12.1" TFT XGA LCD with optional resistive touchscreen
ƒ Embedded Intel® Atom™ processor N270 1.6 GHz
ƒ Supports up to 2 GB DDR2 SDRAM
ƒ Supports one internal SATA 2.5" HDD
ƒ Support 4 USB 2.0 ports, Dual Gigabit Ethernet
ƒ Optional PCI/PCIe x 1 expansion kit
ƒ Fanless and ultra-low power consumption
ƒ Automatic data flow control over RS-485 (COM2)
RoHS
COMPLIANT
2002/95/EC
Microsoft®
Windows®
Embedded
All product specifications are subject to change without notice
Last updated : 7-May-2012


Similar Part No. - 170203183C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
170203183C ADVANTECH-170203183C Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
170203183C ADVANTECH-170203183C Datasheet
444Kb / 2P
   10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
170203183C ADVANTECH-170203183C Datasheet
3Mb / 4P
   NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
170203183C ADVANTECH-170203183C Datasheet
806Kb / 2P
   Ruggedized In-Vehicle AI Fanless System Based on NVIDIA® Jetson Xavier™ NX
19-May-2023
170203183C ADVANTECH-170203183C Datasheet
398Kb / 2P
   6.5 Fanless Panel PC with AMD Geode??LX800 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com