Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50-20DS-1C Datasheet(PDF) 9 Page - Hirose Electric

Part # DF50-20DS-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50-20DS-1C Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF50-20DS-1C Datasheet HTML 4Page - Hirose Electric DF50-20DS-1C Datasheet HTML 5Page - Hirose Electric DF50-20DS-1C Datasheet HTML 6Page - Hirose Electric DF50-20DS-1C Datasheet HTML 7Page - Hirose Electric DF50-20DS-1C Datasheet HTML 8Page - Hirose Electric DF50-20DS-1C Datasheet HTML 9Page - Hirose Electric DF50-20DS-1C Datasheet HTML 10Page - Hirose Electric DF50-20DS-1C Datasheet HTML 11Page - Hirose Electric DF50-20DS-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Single row socket
Unit : mm
Part Number
CL No.
Number of contacts
A
B
DF50A-2S-1C
665-1002-6-00
2
3.95
1
DF50A-3S-1C
665-1005-4-00
3
4.95
2
DF50A-4S-1C
665-1007-0-00
4
5.95
3
DF50A-5S-1C
665-1009-5-00
5
6.95
4
DF50A-6S-1C
665-1011-7-00
6
7.95
5
DF50A-7S-1C
665-1013-2-00
7
8.95
6
DF50A-8S-1C
665-1015-8-00
8
9.95
7
DF50A-9S-1C
665-1100-5-00
9
10.95
8
DF50A-10S-1C
665-1018-6-00
10
11.95
9
DF50A-11S-1C
665-1020-8-00
11
12.95
10
DF50A-12S-1C
665-1022-3-00
12
13.95
11
DF50A-13S-1C
665-1024-9-00
13
14.95
12
DF50A-14S-1C
665-1026-4-00
14
15.95
13
DF50A-15S-1C
665-1028-0-00
15
16.95
14
DF50A-16S-1C
665-1030-1-00
16
17.95
15
Note 1. The quantity is delivered per bag (1000 pcs.).
If needed, please select and order the products per bag.
B
P=1
A
Contact No.1
Contact No.1 mark
Contact No.*
6.85


Similar Part No. - DF50-20DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-20DP-1H HIROSE-DF50-20DP-1H Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50-20DP-1H(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com