Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX059 Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX059
Description  1/3-inch CCD Image Sensor for PAL Color Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX059 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX059 Datasheet HTML 7Page - Sony Corporation ICX059 Datasheet HTML 8Page - Sony Corporation ICX059 Datasheet HTML 9Page - Sony Corporation ICX059 Datasheet HTML 10Page - Sony Corporation ICX059 Datasheet HTML 11Page - Sony Corporation ICX059 Datasheet HTML 12Page - Sony Corporation ICX059 Datasheet HTML 13Page - Sony Corporation ICX059 Datasheet HTML 14Page - Sony Corporation ICX059 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
– 11 –
ICX059AK
Definition of standard imaging conditions
1) Standard imaging condition I:
Use a pattern box (luminance 706cd/m2, color temperature of 3200K halogen source) as a subject. (Pattern
for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter and
image at F5.6. The luminous intensity to the sensor receiving surface at this point is defined as the standard
sensitivity testing luminous intensity.
2) Standard imaging condition II:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted
to the value indicated in each testing item by the lens diaphragm.
1. Sensitivity
Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of
1/250s, measure the Y signal (Ys) at the center of the screen and substitute the value into the following
formula.
S = Ys
×
[mV]
2. Saturation signal
Set to standard imaging condition II. After adjusting the luminous intensity to 10 times the intensity with
average value of the Y signal output, 200mV, measure the minimum value of the Y signal.
3. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to
500 times the intensity with average value of the Y signal output, 200mV. When the readout clock is
stopped and the charge drain is executed by the electronic shutter at the respective H blankings, measure
the maximum value YSm [mV] of the Y signal output and substitute the value into the following formula.
4. Video signal shading
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so
that the average value of the Y signal output is 200mV. Then measure the maximum (Ymax [mV]) and
minimum (Ymin [mV]) values of the Y signal and substitute the values into the following formula.
SHy = (Ymax – Ymin)/200
× 100 [%]
5. Uniformity between video signal channels
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the Y signal
output is 200mV, and then measure the maximum (Crmax, Cbmax [mV]) and minimum (Crmin, Cbmin
[mV]) values of the R – Y and B – Y channels of the chroma signal and substitute the values into the
following formula.
∆Sr = | (Crmax – Crmin)/200 | × 100 [%]
∆Sb = | (Cbmax – Cbmin)/200 | × 100 [%]
6. Dark signal
Measure the average value of the Y signal output (Ydt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
Sm =
× 100 [%] (1/10V method conversion value)
××
200
YSm
500
1
10
1
50
250


Similar Part No. - ICX059

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX059 SONY-ICX059 Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
More results

Similar Description - ICX059

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com