Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME-1210-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PME-1210-AE
Description  1-phase Multifunction Power Meter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PME-1210-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PME-1210-AE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
PME-1210
1-phase Multifunction Power Meter
Specifications
Voltage Measurement
ƒ
Voltage
80 ~ 350 VAC
ƒ
Resolution/Accuracy
0.1V/0.5% full scale
ƒ
Permanet overload
450 VAC
ƒ
Transient Voltage
2 x Vin (1sec)
Current Measurement (Std. 5A CT)
ƒ
Range
5 mA ~ 5 A
ƒ
Resolution
1 mA
ƒ
Starting Current
5 mA
ƒ
Permanent Overload
10 A
ƒ
Transient current
20 x Iin (1sec)
ƒ
Accuracy
0.5% full scale
Power Measurement
ƒ
Resolution
1W
ƒ
Accuracy
1% full scale
Energy Measurement
ƒ
Display Resolution
0.1 kWh (Range from 0 to 9,999,999.9kWh)
ƒ
Record Resolution
0.01 kWh (Range from 0 to 9,999,999.99kWh)
ƒ
kWh Accuracy
1% with PF 0.5 ~ 1.0
Frequency Measurement
ƒ
Range
45.0 to 65.0 Hz
ƒ
Resolution/Accuracy
0.1 Hz
PF Measurement
ƒ
Range
0.000 to 1.000
ƒ
Resolution
0.001 (polarized)
ƒ
Accuracy
1% (PF 0.5 ~ 1.0)
Front Panel Interface
ƒ
Display
6 digit 7 segment LED
ƒ
Indicators
8 LED
ƒ
Mode
Display and Setting
ƒ
Setting
3 Function Key, ID address, Baud Rate, PT Ratio, CT Ratio
Communication Interface
ƒ
Bus
RS-485, Photo Isolated
ƒ
Protocol
Modbus/RTU (format: 8/N/1)
ƒ
Baud Rate
1200/2400/4800/9600
ƒ
Meter ID
0 ~ 254
Reliability
ƒ
Communication
IEC61000-4-4 1 kV
ƒ
Surge Test
IEC61000-4-5 4 kV
ƒ
EFT Test
IEC61000-4-4 1 kV
AC Insulation
ƒ
Aux. Power
4.0 kv
ƒ
Current Input
4.0 kV
Power Supply
ƒ
AC 110V
93 ~ 126 VAC
ƒ
AC 220V
187 ~ 253 VAC
Physical
ƒ
Operating Temperature -10 ~ 70°C (32 ~ 158°F)
ƒ
Operating Humidity
0 ~ 90% RH non-condensing
ƒ
Storage Humidity
0 ~ 95% (Non-condensing)
ƒ
Weight
425g (Std. 5A CT)
ƒ
Panel Cut
92 x 46 mm
ƒ
Dimensions (W x H x D) 110 x 50 x 115 mm
Ordering Information
ƒ
PME-1210-AE
1-phase Multifunction Power Meter
ƒ Small size with 100mm depth
ƒ Panel cut 92 x 46 mm
ƒ Multi-function power measurement
ƒ Modbus RTU protocol over RS-485
Introduction
The PME-1210 is a 1-phase multi-function power meter for sub-metering applications, ranging from power distribution, small motor control to lighting load circuit. It measures current
& voltage, KW, kwh, kwh and PF values. The measurement data can be viewed directly from local display, and also can be transmitted through a RS-485 using the Modbus protocol.
NEW
RoHS
COMPLIANT
2002/95/EC
4-19
8
5
44
10
Serial Communication
Cards
9
Device Servers &
Gateways
8
Industrial Ethernet
7
Industrial Monitors
6
Automation Panel PCs
Operator Panels
Building Automation
Systems
3
Energy Automation
2
Hazardous Location
1
Motion Control
11
Embedded Auto.
Computers
12
PACs13
M2M I/O
14
Distributed Nano
Controllers
15
RS-485 I/O
16
Automation Software
Ethernet I/O
17
DAQ Boards
18


Similar Part No. - PME-1210-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME-1210-AE ADVANTECH-PME-1210-AE Datasheet
168Kb / 1P
   1-phase Multifunction Power Meter
More results

Similar Description - PME-1210-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME-1210 ADVANTECH-PME-1210_13 Datasheet
168Kb / 1P
   1-phase Multifunction Power Meter
PME-1230 ADVANTECH-PME-1230 Datasheet
353Kb / 2P
   3-phase Multifunction Power Meter
logo
SHANGHAI BELLING CO., L...
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
logo
SELEC Controls Pvt. Ltd
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
   Multifunction Meter
MFM374 SELEC-MFM374 Datasheet
618Kb / 2P
   Multifunction Meter
MFM383A SELEC-MFM383A Datasheet
668Kb / 2P
   Multifunction Meter
logo
Advantech Co., Ltd.
WISE-M501 ADVANTECH-WISE-M501 Datasheet
302Kb / 1P
   Multifunction Panel Mount Smart Power Meter
27-Jun-2018
logo
Schneider Electric
RM35TF30 SCHNEIDER-RM35TF30 Datasheet
133Kb / 6P
   Multifunction phase control relay
RM35TF30SP01 SCHNEIDER-RM35TF30SP01_V01 Datasheet
98Kb / 3P
   multifunction phase control relay
Jan 12, 2022
RM35TF30SP01 SCHNEIDER-RM35TF30SP01 Datasheet
97Kb / 3P
   multifunction phase control relay
Aug 17, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com