Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH41-40S-0.5SH Datasheet(PDF) 4 Page - Hirose Electric

Part # FH41-40S-0.5SH
Description  0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41-40S-0.5SH Datasheet(HTML) 4 Page - Hirose Electric

  FH41-40S-0.5SH Datasheet HTML 1Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 2Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 3Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 4Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 5Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 6Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 7Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 8Page - Hirose Electric FH41-40S-0.5SH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FH41 Series0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
Recommended PCB mounting pattern and metal mask dimensions
Recommended FFC Dimensions
1±0.05
0.5±0.05
2.5±0.05
0.3±0.03 (Land pattern)
0.3±0.03(Land pattern)
0.4±0.03
E±0.05
D±0.05
H±0.05
0.2±0.0(
Metal mask)
0.25±0.03(
Metal mask)
Recommended metal mask thickness t=0.1
Please overlap shield plate on ground plate.
Note
Shield area
Ground plate
0.5±0.05
0.3±0.05
0.5±0.1
0.5±0.05
0.3±0.03
J±0.1
K±0.07
D±0.05
2-R0.2
1
1

Unit : mm
Part Number
CL No.
Number of contacts No. of Contacts(GND contacts)
H
J
K
FH41-28S-0.5SH(05)
580-2208-1-05
28
5
16
15.7
14.5
FH41-40S-0.5SH(05)
580-2205-3-05
40
8
22
21.7
20.5
FH41-50S-0.5SH(05)
580-2204-0-05
50
10
27
26.7
25.5
FH41-68S-0.5SH(05)
580-2202-5-05
68
13
36
35.7
34.5
Note1.Tape and reel packaging (2,500 pieces/reel).
Order by number of reels.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH41-40S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-40S-0.5SH HIROSE-FH41-40S-0.5SH Datasheet
780Kb / 8P
   0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH41-40S-0.5SH05 HIROSE-FH41-40S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
More results

Similar Description - FH41-40S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41 HIROSE-FH41 Datasheet
780Kb / 8P
   0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH40 HIROSE-FH40 Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
   High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
logo
Japan Aviation Electron...
JF08R0R041010MA JAE-JF08R0R041010MA Datasheet
109Kb / 4P
   FFC Harness for High-speed Transmission
JF04 JAE-JF04 Datasheet
360Kb / 5P
   FFC Harness for High Speed Transmission
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
logo
Japan Aviation Electron...
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com