Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-5P-1V Datasheet(PDF) 8 Page - Hirose Electric

Part # DF50A-5P-1V
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-5P-1V Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF50A-5P-1V Datasheet HTML 4Page - Hirose Electric DF50A-5P-1V Datasheet HTML 5Page - Hirose Electric DF50A-5P-1V Datasheet HTML 6Page - Hirose Electric DF50A-5P-1V Datasheet HTML 7Page - Hirose Electric DF50A-5P-1V Datasheet HTML 8Page - Hirose Electric DF50A-5P-1V Datasheet HTML 9Page - Hirose Electric DF50A-5P-1V Datasheet HTML 10Page - Hirose Electric DF50A-5P-1V Datasheet HTML 11Page - Hirose Electric DF50A-5P-1V Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Double row socket
Unit : mm
Part Number
CL No.
Number of contacts
A
B
DF50-20DS-1C
Under development
20
12.28
9
DF50-30DS-1C
665-0003-3-00
30
17.28
14
DF50-40DS-1C
665-0006-1-00
40
22.28
19
DF50-50DS-1C
Under development
50
27.28
24
Note 1. The quantity is delivered per bag (1000 pcs.).
If needed, please select and order the products per bag.
B
P=1
A
Contact No.*-1
Contact No.1
Contact No.1 mark
Contact No.*
Contact No.2
HRS mark
CAV No.
8.5


Similar Part No. - DF50A-5P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-5P-1V HIROSE-DF50A-5P-1V Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 DF50A-5P-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com