Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74272571 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74272571
Description  SPLIT FLAT FERRITE (mounted with metal spring clip)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74272571 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74272571 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74272571 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
A
38,0 ± 1,0
mm
B
1,6 ± 0,4
mm
C
12,7 ± 0,5
mm
D
25,4 ± 0,7
mm
E
26,6 ± 0,7
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
Tol.
Impedanz @ 1 Wg./
impedance @ 1 turn
Impedanz @ 1 Wg./
impedance @ 1 turn
Impedanz @ 2 Wg./
impedance @ 2 turn
Impedanz @ 2 Wg./
impedance @ 2 turn
33%
+ 20°C
+150°C
20 pol.
SMU
Update
06-09-29
LF
RoHS update
04-10-11
SST
Version 1
04-08-17
Name
Änderung / modification
Datum / date
Kunde / customer
Freigabe erteilt / general release:
C
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -25°C ~ +125°C
F Werkstoffe & Zulassungen / material & approvals:
4 W 620
für Flachbandkabel / for flat cable [max]:
Lagertemperatur / storage temperature: -55°C ~ + 125°C
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2006-09-29
Ω
Datum / date
........................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen
/ test conditions
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Z
Ω
Basismaterial / base material:
Curietemperatur / curie temperature:
Kunde / customer :
74272571
BLOCKKERN GETEILT (mit Befestigung)
SPLIT FLAT FERRITE (mounted with metal spring clip)
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
Ω
± 25%
100
Ω
Z
D Prüfgeräte / test equipment:
HP 4191 B für/for Z und/and material
16092A - Klemme / clamp
Z
........................................................................
..................................................................................
..................................................................................
Würth Elektronik
Z
170
AWG26 -
ø 0,5mm - Länge/length:
100 mm
100 MHz
25 MHz
± 25%
SEITE 1 VON 2


Similar Part No. - 74272571

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427257 WURTH-7427257 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
More results

Similar Description - 74272571

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
742725 WURTH-742725 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
74277005 WURTH-74277005 Datasheet
36Kb / 1P
   Metal Spring Clip
7427250 WURTH-7427250 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427253 WURTH-7427253 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427256 WURTH-7427256 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427257 WURTH-7427257 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427252 WURTH-7427252 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427255 WURTH-7427255 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427251 WURTH-7427251 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
7427258 WURTH-7427258 Datasheet
64Kb / 2P
   SPLIT FLAT FERRITE (ferrite only)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com