Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIO-5250N-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MIO-5250N-S6A1E
Description  Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-5250N-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MIO-5250N-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. MIO-5250N-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Ordering Information
Part No.
CPU
L2
Cache
Memory
LVDS1 LVDS2 VGA &
HDMI
GbE Audio RS-232/
422/485
RS-232 USB 2.0
SATAII CFast Mini
PCIe MIOe
Power
Connector
Thermal
Solution
Operational
Temp.
MIO-5250N-S6A1E
Intel Atom
N2600 1.6G
1MB
SO-DIMM
24-bit
-
Yes
2
Yes
2
2
6
1
1
1
Yes
DC Jack
Passive
0 ~ 60° C
MIO-5250D-S8A1E
Intel Atom
D2550 1.86G
1MB
SO-DIMM
24-bit
48-bit
Yes
2
Yes
2
2
6
1
1
1
Yes
2x2 type
Passive
0 ~ 60° C
MIO-5250NZ-2GS6A1E
Intel Atom
N2600 1.6G
1MB
2GB bundle 24-bit
-
Yes
2
Yes
2
2
6
1
1
1
Yes
DC Jack
Passive
-20 ~ 80° C
MIO-5250NZ22GS6A1E Intel Atom
N2600 1.6G
1MB
2GB bundle 24-bit
-
Yes
2
Yes
2
2
6
1
1
1
Yes
DC Jack
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Note: Wide temperature range version has been bundled with verified industrial-grade memory module
Packing List
Part No.
Description
Quantity
MIO-5250 SBC
Startup Manual
Utility CD
1700008941
SATA cable 7P 32CM C=R 180/180D W/Lock 1
1700018785
SATA 35cm power cable
1
1700019435
COM RS-485 D-SUB 9P (M)/1*5P 1.25
25cm cable
2
1701200220
COM RS232 Cable 2*10P-2.0/D-SUB 9P
(M)*2 22CM
2
1700019584
Audio Cable 2*5P-2.0/JACK*3 20cm
1
9689000002
mini Jumper pack
1
1960054274T001
Heatsink 135 x 84.2 x 20 mm for MIO-5250
1
Optional Accessories
Part No.
Description
1960054269T001
Heat spreader for MIO-5250 (137 x 84.2 x 16.7mm)
1700006291
SATA2 cable 7P/ 7P 30cm C=R 180/90
1703100260
USB5/6 cable
1910002088
The Post Standoff, F= M3*6L, M=M3*5L, B=5, H=16 Ni
1757003082
Adaptor 100-240V 60W 12V 5A W/O PFC
Embedded OS/API
Embedded OS/API
Description
WinCE 7.0
CE 7.0
Win XPE
WES 2009
2070011152
WES7E SP1 x32 MIO-5250 V5.1 ENG
Linux
Ubuntu
Software API
iManager 2.0
MIO-5250
PCIe x 1
PCIe x 1
SODIMM x 1
Intel NM10
Intel Atom
N2600 / D2550
6 USB 2.0
Transmitter
COM1~COM4
(COM2/3: RS-232/422/485)
(COM1/4: RS-232)
Auto Flow Control
DMI
(note1)
SATAII
16MBit
SPI BIOS
1 x SATAII
Super I/O
18/24-bit LVDS1
MIOe
CFast
8-bit GPIO
SMBus/I2C
HDMI
48-bit LVDS2
Intel 82583V
Full-size MiniPCIe
w/ SIM Holder
Advantech
iManager
Realtek
ALC 892
HD
USB 2.0 x 1
SMBUS
LPC
1 PCIe x 1
HD audio line out
Intel 82583V
PCIe x 1
SPI
LPC
DisplayPort 1
DisplayPort 0
VGA
VGA I/F
DDR3
note 1: Supported by request
Rear I/O View
MIO-5250N-S6A1E
MIO-5250D-S8A1E


Similar Part No. - MIO-5250N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-5250N-S6A1E ADVANTECH-MIO-5250N-S6A1E Datasheet
762Kb / 2P
   Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
MIO-5250N-S6A1E ADVANTECH-MIO-5250N-S6A1E Datasheet
775Kb / 2P
   Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast,iManager, MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com