Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1299_1211 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1299_1211
Description  Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1299_1211 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1299_1211 Datasheet HTML 1Page - Texas Instruments ADS1299_1211 Datasheet HTML 2Page - Texas Instruments ADS1299_1211 Datasheet HTML 3Page - Texas Instruments ADS1299_1211 Datasheet HTML 4Page - Texas Instruments ADS1299_1211 Datasheet HTML 5Page - Texas Instruments ADS1299_1211 Datasheet HTML 6Page - Texas Instruments ADS1299_1211 Datasheet HTML 7Page - Texas Instruments ADS1299_1211 Datasheet HTML 8Page - Texas Instruments ADS1299_1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
ADS1299
SBAS499A – JULY 2012 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications are
at DVDD = 3.3 V, AVDD – AVSS = 5 V, VREF = 4.5 V, external fCLK = 2.048 MHz, data rate = 250 SPS, and gain = 12, unless
otherwise noted.
ADS1299
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PATIENT BIAS AMPLIFIER
Integrated noise
BW = 150 Hz
2
μVRMS
GBP
Gain bandwidth product
50 k
Ω || 10 pF load, gain = 1
100
kHz
SR
Slew rate
50 k
Ω || 10 pF load, gain = 1
0.07
V/
μs
THD
Total harmonic distortion
fIN = 10 Hz, gain = 1
–80
dB
CMIR
Common-mode input range
AVSS + 0.3
AVDD – 0.3
V
ISC
Short-circuit current
1.1
mA
Quiescent power consumption
20
μA
LEAD-OFF DETECT
0, fDR / 4
Continuous
Hz
See Register Map section for settings
Frequency
One time or periodic
7.8, 31.2
Hz
ILEAD_OFF[1:0] = 00
6
nA
ILEAD_OFF[1:0] = 01
24
nA
Current
ILEAD_OFF[1:0] = 10
6
μA
ILEAD_OFF[1:0] = 11
24
μA
Current accuracy
±20
%
Comparator threshold accuracy
±30
mV
EXTERNAL REFERENCE
VI(ref)
Reference input voltage
5-V supply, VREF = (VREFP – VREFN)
4.5
V
VREFN
Negative input
AVSS
V
VREFP
Positive input
AVSS + 4.5
V
Input impedance
5.6
k
INTERNAL REFERENCE
VO
Output voltage
4.5
V
VREF accuracy
±0.2
%
Drift
TA = –40°C to +85°C
35
ppm
Start-up time
150
ms
SYSTEM MONITORS
Analog supply
2
%
Reading error
Digital supply
2
%
From power-up to DRDY low
150
ms
Device wake up
STANDBY mode
31.25
µs
Voltage
TA = +25°C
145
mV
Temperature
sensor reading
Coefficient
490
μV/°C
Signal frequency
See Register Map section for settings
Hz
fCLK / 2
21, f
CLK / 2
20
Test signal
Signal voltage
See Register Map section for settings
±1, ±2
mV
Accuracy
±2
%
4
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - ADS1299_1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1299 TI1-ADS1299_14 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299_16 Datasheet
2Mb / 79P
[Old version datasheet]   ADS1299-x Low-Noise, 4-, 6-, 8-Channel, 24-Bit, Analog-to-Digital Converter for EEG and Biopotential Measurements
More results

Similar Description - ADS1299_1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1299 TI1-ADS1299 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1299 TI1-ADS1299_14 Datasheet
1Mb / 66P
[Old version datasheet]   Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com