Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVN012APBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVN012APBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN012APBF Datasheet(HTML) 4 Page - International Rectifier

  PVN012APBF_07 Datasheet HTML 1Page - International Rectifier PVN012APBF_07 Datasheet HTML 2Page - International Rectifier PVN012APBF_07 Datasheet HTML 3Page - International Rectifier PVN012APBF_07 Datasheet HTML 4Page - International Rectifier PVN012APBF_07 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series PVN012APbF
www.irf.com
4
Figure 5. Typical Normalized Off-State
Figure 6. Input Characteristics
(Current Controlled)
Leakage
0.1
1
10
100
-35
-15
5
25
45
65
85
105
Ambient Temperature (°C)
0
4
8
12
16
20
0
0.5
1
1.5
2
LED Forward Voltage Drop (VDC)
CAUTION:provide current
limiting so that 25mA
maximum steady state
control current rating is
not exceeded.
TYPICAL
Min. device
and +85
°C
limit
Max.device
and -40
°C
limit
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
(10mS Pulse W idth, 20V/1A Load)
0.01
0.1
1
10
5
10
15
20
25
LED Current (mA)
ton
tdly
toff
ILED
ID
90%
10%
tdelay
ton
toff
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - PVN012APBF_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN012APBF IRF-PVN012APBF_15 Datasheet
182Kb / 6P
   Bounce-free Operation
More results

Similar Description - PVN012APBF_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
   Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
   Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
   Power MOSFET Photovoltaic Relay
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
   HEXFET Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
   HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com