Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7036EVKIT-315+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7036EVKIT-315+
Description  MAX7036 Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7036EVKIT-315+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7036EVKIT-315+ Datasheet HTML 1Page - Maxim Integrated Products MAX7036EVKIT-315+ Datasheet HTML 2Page - Maxim Integrated Products MAX7036EVKIT-315+ Datasheet HTML 3Page - Maxim Integrated Products MAX7036EVKIT-315+ Datasheet HTML 4Page - Maxim Integrated Products MAX7036EVKIT-315+ Datasheet HTML 5Page - Maxim Integrated Products MAX7036EVKIT-315+ Datasheet HTML 6Page - Maxim Integrated Products MAX7036EVKIT-315+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MAX7036 Evaluation Kit
Evaluates: MAX7036
_________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Component List
19-4533; Rev 1; 2/12
General Description
The MAX7036 evaluation kit (EV kit) provides a proven
design to evaluate the MAX7036 ASK receiver in a TQFN
package with an exposed pad. The EV kit enables test-
ing of the device’s RF performance and requires no
additional support circuitry. The RF input uses an SMA
connector for convenient connection to test equipment.
The MAX7036 EV kit is available in two versions,
315MHz
(MAX7036EVKIT315+)
and
433.92MHz
(MAX7036EVKIT433+). The passive components are
optimized for these frequencies. The EV kit PCBs come
with a MAX7036GTP/V+ installed on both EV kit versions.
Features
S
Lead(Pb)-Free and RoHS Compliant
S
Proven PCB Layout
S
Proven Components List
S
Available in 315MHz and 433.92MHz Versions
S
Fully Assembled and Tested
Ordering Information
+Denotes lead(Pb)-free and RoHS compliant.
PART
TYPE
MAX7036EVKIT-315+
EV Kit
MAX7036EVKIT-433+
EV Kit
DESIGNATION QTY
DESCRIPTION
C1, C9, C13,
C20
4
0.1FF ±10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C2, C17
0
Not installed, capacitors (0603)
C3, C16
2
315MHz: 4.7pF ±5%, 50V C0G
ceramic capacitors (0603)
Murata GRM1885C1H4R7C
433.92MHz: 10pF ±5%, 50V C0G
ceramic capacitors (0603)
Murata GRM1885C1H100J
C4
1
1FF ±10%, 6.3V X5R ceramic
capacitor (0603)
Murata GRM188R60J105K
C5
1
180pF ±10%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H181J
C6
1
22pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H220J
C7, C8, C11,
C14, C15
5
100pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H101J
C10, C12
2
0.01FF ±10%, 25V X7R ceramic
capacitors (0603)
Murata GRM188R71E103K
C18
1
390pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H391J
DESIGNATION QTY
DESCRIPTION
C19
1
315MHz: 4.7pF ±5%, 50V C0G
ceramic capacitor (0603)
Murata GRM1885C1H4R7C
433.92MHz: 2.7pF ±0.1pF, 50V
C0G ceramic capacitor (0603)
Murata GRM1885C1H2R7B
C21
1
10pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H100J
C22
1
10FF ±20%, 6.3V X5R ceramic
capacitor (0603)
Murata GRM188R60J106M
C23
1
220pF ±10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H221K
JU1, JU3
2
2-pin headers
JU2, JU4
2
3-pin headers
L1
1
315MHz: 100nH ±2% inductor (0603)
Murata LQW18ANR10G00
433.92MHz: 47nH ±2% inductor
(0603)
Murata LQW18AN47NG00
L2
1
315MHz: 27nH ±2% inductor (0603)
Murata LQW18AN27NG00
433.92MHz: 15nH ±2% inductor
(0603)
Murata LQW18AN15NG00


Similar Part No. - MAX7036EVKIT-315+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7036EVKIT-315++ MAXIM-MAX7036EVKIT-315+ Datasheet
833Kb / 14P
   Evaluates the MAX7036 Sub-1GHz ISM Receiver
2021
More results

Similar Description - MAX7036EVKIT-315+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com