Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ICX055BK Datasheet(PDF) 4 Page - Sony Corporation

Part No. ICX055BK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 4 page
background image
– 4 –
ICX055BK
Item
Readout clock voltage
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
|VVH1 – VVH2|
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGLH – VRGLL
V
φSUB
14.55
–0.05
–0.2
–9.0
7.8
–0.25
–0.25
4.75
–0.05
4.5
22.5
15.0
0
0
–8.5
8.5
5.0
0
5.0
23.5
15.45
0.05
0.05
–8.0
9.05
0.1
0.1
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.5
0.8
24.5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
2
2
3
3
4
4
5
VVH = (VVH1 + VVH2) /2
VVL = (VVL3 + VVL4) /2
V
φV= VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
1
Low-level coupling
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Vertical transfer clock
voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
1 The reset gate clock voltage need not be adjusted when reset gate clock is driven when the specifications
are as given below. In this case, the reset gate clock voltage setting indicated on the back of the image
sensor has not significance.
Item
Reset gate clock
voltage
Symbol
VRGL
V
φRG
–0.2
8.5
0
9.0
0.2
9.5
V
V
4
4
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
Clock Voltage Conditions




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICX255AKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX259AKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX405AKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX081AKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX409AKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX227AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX258AKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX069AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX207AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX229AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl