Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0469360000 Datasheet(PDF) 5 Page - Weidmuller

Part # 0469360000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0469360000 Datasheet(HTML) 5 Page - Weidmuller

  0469360000 Datasheet HTML 1Page - Weidmuller 0469360000 Datasheet HTML 2Page - Weidmuller 0469360000 Datasheet HTML 3Page - Weidmuller 0469360000 Datasheet HTML 4Page - Weidmuller 0469360000 Datasheet HTML 5Page - Weidmuller 0469360000 Datasheet HTML 6Page - Weidmuller 0469360000 Datasheet HTML 7Page - Weidmuller 0469360000 Datasheet HTML 8Page - Weidmuller 0469360000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
128
Feed-through terminals
Mounting rails, end brackets, further marking material see “Accessories”
* Accepts LS 2.8 shield lugs Cat. No.1056400000
** 2.5 mm2 conductor connection when using QB
Y
SAK 6 N
SAK 6/10/35
SAK 10
SAK 10/10/35
SAK 16
SAK 16/35
DK4 QV*
DK4 QV/35*
W
Y
W
Y
W
Y
W
a r #
6/54/60
6/54/60.5
9 mm/M 3/3.5 x 0.6
500 V/32 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
0.5…4
0.5…4
0.5…4
A 3
32 A/4 mm2
32
32
300 V/27 A/22…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
0590260000*1)1000363660000*1)100
0590280000*1)1000363680000*1)100
Type
Cat. No. Qty.
AP (1.5)
1397160000
20
AP (1.5)
1397180000
20
WTW (Ex) 1058800000
20
TW (2.0)
0607000000
20
TSch 6
0190260000
100
Q 2
0336400000
50
Q 3
0336500000
50
Q 4
0336600000
50
Q 10
0368600000
20
QB 2
0482700000** 100
QB 3
0482800000** 50
QB 4
0482900000** 50
AD 4
0303400000
50
BSK M 2.5 x18
0303300000
100
VL 2
04467000000
50
VH
10565000000 100
BS
03431000000 100
DEK 6
see “Accessories”
a r i #
LR u DNV
8/40/51.5
8/45/44
12 mm/M 3.5/4.0 x 0.8
800 V/41 A/6 mm2
8 kV/3
0.8…1.6
3
0.5…10
0.5…6
0.5…10
0.5…6
A 5
41
600 V/40 A/22…8 AWG
600 V/47 A/20…8 AWG
Y
Qty. W
Qty.
0193220000100 0380520000100
0380570000100
019323
0000100
01932600001)10003805600001)100
01932800001)10003805800001)100
03227600001)10
03089600001)10
Type
Cat. No.
Qty.
AP (1.5)
0117920000
20
AP (1.5)
0117970000
20
AP (1.5)
0117930000
20
AP (1.5)
0117960000
20
AP (1.5)
0117980000
20
TW (1.5)
0130120000
20
TW (1.5)
0130130000
20
TW (1.5)
0130160000
20
TW (1.5)
0130180000
20
TW (1.5)
0197100000
20
TSch 1
0319160000
100
Q 2
0456700000
50
Q 3
0456800000
50
Q 4
0456900000
50
Q 10
0457000000
20
AD 4
0196600000
50
BSK M 3x 22 0128900000
100
VL 2
0194700000
50
VH
0285100000
50
BS
0292500000
100
DEK 8
see “Accessories”
a r i #
LR u DNV
10/40/51.5
10/45/44
12 mm/M 4/5.5 x 1.0
800 V/57 A/10 mm2
8 kV/3
1.2...2.03)
4
1.5…10
2.5…16
1.5…10
1.5…10
B 6
76 A/16 mm2
57
600 V/60 A/14…6 AWG3)
600 V/65 A/14…6 AWG3)
Y
Qty. W
Qty.
0110020000 100 0443720000 100
0110070000 100 0443770000 100
0110030000 100
01100600001)100 04437600001) 100
01100800001)100 04437800001) 100
05538600001) 10
03531600001) 10
Type
Cat. No.
Qty.
AP (1.5)
0117920000
20
AP (1.5)
0117970000
20
AP (1.5)
0117930000
20
AP (1.5)
0117960000
20
AP (1.5)
0117980000
20
TW (1.5)
0130120000
20
TW (1.5)
0130170000
20
TW (1.5)
0130130000
20
TW (1.5)
0130160000
20
TW (1.5)
0130180000
20
TW (1.5)
0197100000
20
TSch 1
0319160000
100
Q 2
0457100000
50
Q 3
0457200000
50
Q 4
0457300000
50
Q 10
0457400000
20
AD 4
0178600000
50
BSK M 3x 22 0128900000
100
VL 2
0135900000
50
VH
0285100000
50
BS
0292500000
100
DEK 5
see “Accessories”
a r i #
LR u DNV
12/50/57.5
12/50/50
15 mm/M 4/5.5 x 1.0
1000 V/76 A/16 mm2
8 kV/3
1.2…2.4
4
2.5…10
4…162)
4…16
4…16
B 6
76
600 V/80 A/12…4 AWG
600 V/87 A/10…4 AWG
Y
Qty. W
Qty.
0271020000 50 0380620000 50
0271030000 50
02710600001)50 03806600001)50
02710800001)50 03806800001)50
Type
Cat No.
Qty.
AP (3.0)
0271120000
20
AP (3.0)
0271130000
20
AP (1.5)
0271160000
20
AP (1.5)
0271180000
20
TW (3.0)
0281120000
20
TW (3.0)
0281130000
20
TW (1.5)
0303660000
10
TW (1.5)
0303680000
10
TW (2.0)
0607000000
20
TSch 1
0319160000
100
Q 2
0457500000
50
Q 3
0457600000
50
Q 4
0457700000
50
Q 10
0457800000
20
AD 4
0518200000
50
BSKM3x22
0128900000 100
VL 2
0135800000
50
VH
0285100000
50
BS
0292500000
100
DEK 5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
With/without plastic insulating collar
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
Blue KrG
KrS
PA
Blue PA
Orange PA
Terminal block with marking
Terminal block without marking
End plate (thickness mm)
AP
KrG
Blue KrG
KrS
PA
Blue PA
Partition (thickness mm)
TW
WTW
Small partition
KrG
Blue KrG
KrS
PA
Blue PA
TSch 6
Cross-connection
Q 4
QB 4
2-pole
3-pole
4-pole
10-pole
Cover
Switchable cross-connection link
VL 2
BS
VH
Marking tags
Print
DEK
Standard
1) Contact-proof with ADP 4 cover
2) Tightening torque for 16 mm23) Tightening torque for 16 mm2
profile (see section “Accessories”)
stranded: 2 Nm
and AWG6: 2 Nm


Similar Part No. - 0469360000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0469001.WR LITTELFUSE-0469001.WR Datasheet
199Kb / 4P
   Surface Mount Fuses
0469002.WR LITTELFUSE-0469002.WR Datasheet
199Kb / 4P
   Surface Mount Fuses
0469003.WR LITTELFUSE-0469003.WR Datasheet
199Kb / 4P
   Surface Mount Fuses
0469004.WR LITTELFUSE-0469004.WR Datasheet
199Kb / 4P
   Surface Mount Fuses
0469005.WR LITTELFUSE-0469005.WR Datasheet
199Kb / 4P
   Surface Mount Fuses
More results

Similar Description - 0469360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com