Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74271722S Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74271722S
Description  STAR-FIX Snap Ferrite with flexible cable fixing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74271722S Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74271722S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271722S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271722S Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271722S Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.1
2.0
1.0
REV
2012-06-27
2012-04-23
2007-12-14
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-FIX Snap Ferrite with flexible cable
fixing
Order.- No.
74271722S
SIZE
A4
A Dimensions: [mm]
Additional Features
Safety key to lock/ unkock
74271
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 2 turns
Test conditions
25 MHz
100 MHz
25 MHz
100 MHz
Z
Z
Z
Z
Value
151
270
641
783
Unit
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
typ.
typ.
E General information:
Storage Temperature (before assembly): 0°C to +40°C
Operating Temperature: -25°C to +105°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74271722S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74271722 WURTH-74271722 Datasheet
448Kb / 4P
   STAR-FIX Snap Ferrite with flexible cable fixing
More results

Similar Description - 74271722S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74271733S WURTH-74271733S Datasheet
504Kb / 4P
   STAR-FIX Snap Ferrite with flexible cable fixing
74271733 WURTH-74271733 Datasheet
504Kb / 4P
   STAR-FIX Snap Ferrite with flexible cable fixing
74271722 WURTH-74271722 Datasheet
448Kb / 4P
   STAR-FIX Snap Ferrite with flexible cable fixing
74272722 WURTH-74272722 Datasheet
113Kb / 2P
   STAR-FIX LFS with Safety Lock
74272733 WURTH-74272733 Datasheet
68Kb / 2P
   STAR-FIX LFS with Safety Lock
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
74272475 WURTH-74272475 Datasheet
436Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272479 WURTH-74272479 Datasheet
443Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271111 WURTH-74271111 Datasheet
440Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
742724759 WURTH-742724759 Datasheet
437Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com