Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74271622 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74271622
Description  STAR-GAP Snap Ferrite for RF applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74271622 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74271622 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271622 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271622 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271622 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.1
5.0
4.0
REV
2012-06-27
2012-04-30
2010-05-19
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-GAP Snap Ferrite for RF applications
Order.- No.
74271622
SIZE
A4
D2 General Properties:
Ferrite core
Ferrite core
Ferrite core
Plastic housing
Plastic housing
Test cable
Test cable
Properties
Material
Initial permeability
Curie temperature
Colour
Flammability Classification
Applicable cable
Applicable cable length
µi
TC
Value
4 W 620
620
150
Grey
UL94-V0
AWG26
165
Unit
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74271622

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74271622S WURTH-74271622S Datasheet
469Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
More results

Similar Description - 74271622

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74271622S WURTH-74271622S Datasheet
469Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
74271633S WURTH-74271633S Datasheet
461Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
74271633 WURTH-74271633 Datasheet
461Kb / 4P
   STAR-GAP Snap Ferrite for RF applications
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
74272475 WURTH-74272475 Datasheet
436Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272479 WURTH-74272479 Datasheet
443Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271111 WURTH-74271111 Datasheet
440Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
742724759 WURTH-742724759 Datasheet
437Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
7427247 WURTH-7427247 Datasheet
438Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271132S WURTH-74271132S Datasheet
448Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com