Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0479660000 Datasheet(PDF) 11 Page - Weidmuller

Part # 0479660000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0479660000 Datasheet(HTML) 11 Page - Weidmuller

Back Button 0479660000 Datasheet HTML 7Page - Weidmuller 0479660000 Datasheet HTML 8Page - Weidmuller 0479660000 Datasheet HTML 9Page - Weidmuller 0479660000 Datasheet HTML 10Page - Weidmuller 0479660000 Datasheet HTML 11Page - Weidmuller 0479660000 Datasheet HTML 12Page - Weidmuller 0479660000 Datasheet HTML 13Page - Weidmuller 0479660000 Datasheet HTML 14Page - Weidmuller 0479660000 Datasheet HTML 15Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
End plate, hard paper (thickness mm)
0205100000, 0180500000
0205200000, 0180600000
tropic-proof
0180700000, 0205300000
0180800000, 0205400000tropic-proof
Partition, hard paper (thickness mm)
0151400000
0164600000
tropic-proof
0177100000
B/L/H (incl. TS 32) mm
0179900000
B/L/H (incl. TS 35) mm
Cross-connection
2-pole, QL 2
3-pole, QL 3
4-pole, QL 4
Cover
Marking tags
Print
DEK
Standard
134
Feed-through terminals
r # u DNV
32/84/54
32/84/53
–/M 8/–
1000 V*/192 A/70 mm2
8 kV/3
6…12
192 A/90 mm2
(QL 2) 192
600 V/200 A/2/0…4/0 AWG
Y
Qty. W
Qty.
0150420000 10 0636620000 10
Y
Cat. No.
Qty.
EP 1 (2)
0205100000 10
EP 1 (2)
0205200000 10
W
Cat. No.
Qty.
EP 1/35 (2)
0180500000 10
EP 1/35 (2)
0180600000 10
Y+W
Qty.
TW 1 (2)
0151400000 10
TW 1 (2)
0164600000 10
2/120/75.5
2/120/75.5
Y+W
Qty.
0194000000 10
0441500000 10
0441600000 10
AH 32
0326760000
5
DEK 5
see “Accessories”
a r # u
40/95/84
46/95/85.5
27 mm/M 10/–
1000 V*/232 A/95 mm2
8 kV/3
10...20
10…95
10…95
10…95
10…35
B 12
232 A/95 mm2
(QL 2) 232
600 V/195 A/4/0 AWG
600 V/250 A/2/0…4/0AWG
Y
Qty. W
Qty.
028682000010 0637520000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y+W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
Y
Qty. W
Qty.
0194100000 10 0211400000 10
0263500000 10 0444900000 10
0409800000 10 0445000000 10
AH 40
0326860000
5
DEK 5
see “Accessories”
a r # u DNV
40/90/53
46/90/53
–/M 10/–
1000 V*/232 A/95 mm2
8 kV/3
10…20
232 A/95 mm2
(QL 2) 232
600 V/230 A/4/0 AWG
600 V/250 A/2/0…4/0 AWG
Y
Qty. W
Qty.
017052000010 0637720000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y+W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
Y
Qty.
W
Qty.
0194100000 10 0211400000 10
0263500000 10 0444900000 10
0409800000 10 044500000010
AH 40
0326860000
5
DEK 5
see “Accessories”
r # u
40/90/55
46/90/55
–/M 10/–
1000 V*/232 A/95 mm2
8 kV/3
10…20
232 A/95 mm2
(QL 2) 232
600 V/230 A/4/0 AWG
600 V/250 A/2/0…4/0 AWG
Y
Qty. W
Qty.
0185220000 10 0637820000 5
Y
Cat. No.
Qty.
EP 2 (2)
0205300000 10
EP 2 (2)
0205400000 10
W
Cat. No.
Qty.
EP 2/35 (2)
0180700000 10
EP 2/35 (2)
0180800000 10
Y+W
Qty.
TW 2 (2)
0177100000 10
TW 2 (2)
0179900000 10
2/160/90.5
2/160/90.5
Y
Qty. W
Qty.
0194100000 10 0211400000 10
0263500000 10 0444900000 10
0409800000 10 0445000000 10
AH 40
0326860000
5
DEK 5
see “Accessories”
*During conductor connection, observe clearance and creepage distances. Insert partitions if necessary.
Mounting rails, end brackets, further marking material see “Accessories”
W
Y
W
Y
W
Y
W
SAKG 70 II G
SAKG 70/35 II G
SAKG 40 I
SAKG 40/35 I
SAKG 40 II
SAKG 40/35 II
SAKG 40 II G
SAKG 40/35 II G


Similar Part No. - 0479660000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0479002.MXEP LITTELFUSE-0479002.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479003.MXEP LITTELFUSE-0479003.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479004.MXEP LITTELFUSE-0479004.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0479005.MXEP LITTELFUSE-0479005.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
047901.5MXEP LITTELFUSE-047901.5MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
More results

Similar Description - 0479660000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com