Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX044BKA Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX044BKA
Description  1/3-inch CCD Image Sensor for NTSC Color Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX044BKA Datasheet(HTML) 3 Page - Sony Corporation

  ICX044BKA Datasheet HTML 1Page - Sony Corporation ICX044BKA Datasheet HTML 2Page - Sony Corporation ICX044BKA Datasheet HTML 3Page - Sony Corporation ICX044BKA Datasheet HTML 4Page - Sony Corporation ICX044BKA Datasheet HTML 5Page - Sony Corporation ICX044BKA Datasheet HTML 6Page - Sony Corporation ICX044BKA Datasheet HTML 7Page - Sony Corporation ICX044BKA Datasheet HTML 8Page - Sony Corporation ICX044BKA Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
ICX054AK
Item
VDD
VGG
VSS
VSUB
∆VSUB
VRGL
∆VRGL
VL
14.55
1.75
9.0
–3
1.0
–3
15.0
2.0
2
15.45
2.25
18.5
+3
4.0
+3
V
V
V
%
V
%
±5%
1
1
Symbol
Min.
Typ.
Max.
Unit
Remarks
Bias Conditions
DC Characteristics
Grounded with
680
Ω resistor
Item
Output amplifier drain current
Input current
Input current
IDD
IIN1
IIN2
3
1
10
mA
µA
µA
3
4
Symbol
Min.
Typ.
Max.
Unit
Remarks
Output amplifier drain voltage
Output amplifier gate voltage
Output amplifier source
Substrate voltage adjustment range
Fluctuation range after substrate voltage adjustment
Reset gate clock voltage adjustment range
Fluctuation range after reset gate clock voltage adjustment
Protective transistor bias
1 Indications of substrate voltage (V
SUB
) · reset gate clock voltage (VRGL) setting value.
The setting values of substrate voltage and reset gate clock voltage are indicated on the back of the image
sensor by a special code. Adjust substrate voltage (VSUB) and reset gate clock voltage (VRGL) to the
indicated voltage. Fluctuation range after adjustment is ±3%.
VSUB code
one character indication
VRGL code
one character indication
↑↑
VRGL code VSUB code
Code and optimal setting correspond to each other as follows.
1
VRGL code
Optimal setting
1.0 1.5 2.0 2.5 3.0 3.5 4.0
2
3
45
6
7
VSUB code
Optimal setting
9.0 9.5 10.0 10.5 11.0 11.5 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0 16.5 17.0 17.5 18.0 18.5
Ef
G
hJ
K
L
m
NP
Q
R
S
T
UV
W
X
Y
Z
<Example> “5L”
→ VRGL = 3.0V
VSUB = 12.0V
2 V
L
setting is the VVL voltage of the vertical transfer clock waveform.
3 1) Current to each pin when 18V is applied to V
DD
, VOUT, Vss and SUB pins, while pins that are not tested
are grounded.
2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2, Vφ3 and Vφ4 pins, while pins that are
not tested are grounded. However, 20V is applied to SUB pin.
3) Current to each pin when 15V is applied sequentially to RG, H
φ1, Hφ2 and VGG pins, while pins that are
not tested are grounded. However, 15V is applied to SUB pin.
4) Current to VL pin when 30V is applied to V
φ1, Vφ2, Vφ3, Vφ4, VDD and VOUT pins or when, 24V is applied
to RG pin or when, 20V is applied to VGG, Vss, H
φ1 and Hφ2 pins, while VL pin is grounded. However,
GND and SUB pins are left open.
4 Current to SUB pin when 55V is applied to SUB pin, while pins that are not tested are grounded.


Similar Part No. - ICX044BKA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
   1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
   1/2 inch CCD Image Sensor for EIA B/W Camera
ICX038BNA SONY-ICX038BNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX044BKA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com