Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX039BNB Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX039BNB
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX039BNB Datasheet(HTML) 3 Page - Sony Corporation

  ICX039BNB Datasheet HTML 1Page - Sony Corporation ICX039BNB Datasheet HTML 2Page - Sony Corporation ICX039BNB Datasheet HTML 3Page - Sony Corporation ICX039BNB Datasheet HTML 4Page - Sony Corporation ICX039BNB Datasheet HTML 5Page - Sony Corporation ICX039BNB Datasheet HTML 6Page - Sony Corporation ICX039BNB Datasheet HTML 7Page - Sony Corporation ICX039BNB Datasheet HTML 8Page - Sony Corporation ICX039BNB Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
– 3 –
ICX039DNB
Item
–0.3 to +50
–0.3 to +18
–55 to +10
–15 to +20
to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
∗1
Ratings
Unit
Remarks
Absolute Maximum Ratings
∗1 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Substrate clock
φSUB – GND
VDD, VRD, VDSUB, VOUT, VSS – GND
Supply voltage
VDD, VRD, VDSUB, VOUT, VSS
φSUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
Clock input voltage
V
φ1, Vφ2, Vφ3, Vφ4 – φSUB
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
φRG, VGG – GND
φRG, VGG – φSUB
VL
φSUB
Pins other than GND and
φSUB – VL
Storage temperature
Operating temperature


Similar Part No. - ICX039BNB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039BNA SONY-ICX039BNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX039BNB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX419AKL SONY-ICX419AKL Datasheet
201Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX249AK SONY-ICX249AK Datasheet
231Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX429AKL SONY-ICX429AKL Datasheet
189Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX419AKB SONY-ICX419AKB Datasheet
197Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX038DNB SONY-ICX038DNB Datasheet
210Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX418AKB SONY-ICX418AKB Datasheet
229Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX248AK SONY-ICX248AK Datasheet
230Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com