Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX039DNB Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX039DNB
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX039DNB Datasheet(HTML) 2 Page - Sony Corporation

  ICX039DNB Datasheet HTML 1Page - Sony Corporation ICX039DNB Datasheet HTML 2Page - Sony Corporation ICX039DNB Datasheet HTML 3Page - Sony Corporation ICX039DNB Datasheet HTML 4Page - Sony Corporation ICX039DNB Datasheet HTML 5Page - Sony Corporation ICX039DNB Datasheet HTML 6Page - Sony Corporation ICX039DNB Datasheet HTML 7Page - Sony Corporation ICX039DNB Datasheet HTML 8Page - Sony Corporation ICX039DNB Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
– 2 –
ICX039DNB
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
V
φ4
V
φ3
V
φ2
φSUB
V
φ1
VL
VDD
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Substrate clock
Vertical register transfer clock
Protective transistor bias
Output circuit supply voltage
Signal output
9
10
11
12
13
14
15
16
VGG
VSS
GND
RD
φRG
VDSUB
H
φ1
H
φ2
Output circuit gate bias
Output circuit source
GND
Reset drain bias
Reset gate clock
Substrate bias circuit supply voltage
Horizontal register transfer clock
Horizontal register transfer clock
1
2
3
4
5
6
7
8
Note)
Note)
: Photo sensor
Horizontal Register
11
12
13
14
15
16
9
10
Cy
Mg
Cy
G
Cy
Mg
Ye
G
Ye
Mg
Ye
G
Cy
Mg
Cy
G
Cy
Mg
Ye
G
Ye
Mg
Ye
G
Block Diagram and Pin Configuration
(Top View)
Pin Description


Similar Part No. - ICX039DNB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
231Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX039DNB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX419AKL SONY-ICX419AKL Datasheet
201Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX249AK SONY-ICX249AK Datasheet
231Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX429AKL SONY-ICX429AKL Datasheet
189Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX419AKB SONY-ICX419AKB Datasheet
197Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX038DNB SONY-ICX038DNB Datasheet
210Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX418AKB SONY-ICX418AKB Datasheet
229Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX248AK SONY-ICX248AK Datasheet
230Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com