Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX039BLB Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX039BLB
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX039BLB Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX039BLB Datasheet HTML 4Page - Sony Corporation ICX039BLB Datasheet HTML 5Page - Sony Corporation ICX039BLB Datasheet HTML 6Page - Sony Corporation ICX039BLB Datasheet HTML 7Page - Sony Corporation ICX039BLB Datasheet HTML 8Page - Sony Corporation ICX039BLB Datasheet HTML 9Page - Sony Corporation ICX039BLB Datasheet HTML 10Page - Sony Corporation ICX039BLB Datasheet HTML 11Page - Sony Corporation ICX039BLB Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
– 8 –
ICX039DLB
(3) Horizontal transfer clock waveform
tr
twh
tf
90%
10%
twl
V
φH
VHL
(4) Reset gate clock waveform
Point A
twl
V
φRG
VRGH
VRGL + 0.5V
VRGL
+2.5V
VRGLH
RG waveform
VRGLL
H
φ1 waveform
twh
tr
tf
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from
Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and
VRGLL.
VRGL = (VRGLH + VRGLL)/2
Assuming VRGH is the minimum value during the interval twh, then:
V
φRG = VRGH – VRGL


Similar Part No. - ICX039BLB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039BLA SONY-ICX039BLA Datasheet
218Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results

Similar Description - ICX039BLB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX429ALL SONY-ICX429ALL Datasheet
178Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALL SONY-ICX419ALL Datasheet
195Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX038DLA SONY-ICX038DLA Datasheet
217Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com