Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5786FG-S0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5786FG-S0A1E
Description  Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5786FG-S0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5786FG-S0A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5786FG-S0A1E Datasheet HTML 2Page - Advantech Co., Ltd. SOM-5786FG-S0A1E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Board Diagram
SOM-5786
Dual Channel DDR2
LPC BUS
533/667 MHz up to 4 GB
SODIMM x 2
Giga LAN
(82566MM)
FWH
SMBus
Fintek
F75387
FSB: 533/800 MHz
Intel Core 2 Duo
Processor
IMVP 6 +
CK505
GME965
DMI
ICH8M
Watchdog timer/GPIO
Hardware Monitor
Fintek
F75111
PCIEx16 / SDVO
Dual LVDS Channel
USB 2.0 x 8
5 x PCIe x1
Azalia
SATA II x 3
Analog RGB
PRIMARY IDE
PCI BUS
1 PCIe x 1
Ethernet
Ordering Information
Part No.
CPU
L2
Cache Chipset LVDS
VGA SDVO Giga
LAN
HD
Audio PCIe x16
PCIe x1
PCI USB
2.0
SATA
LPC SMBus
ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5786FG-00A1E
Socket 478
CPU
Intel
GME965 2 x 24-bit
Yes
2
1
Yes
1
5
4
8
3 x SATAII 1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5786FG-S0A1E
Intel Core 2
Duo U7500
1.06 GHz
4 MB
Intel
GME965 2 x 24-bit
Yes
2
1
Yes
1
5
4
8
3 x SATAII 1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5786FG-S6A1E
Intel Core 2
Duo L7500
1.6 GHz
4 MB
Intel
GME965 2 x 24-bit
Yes
2
1
Yes
1
5
4
8
3 x SATAII 1
1
Yes
Yes
Active
0 ~ 60° C
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for COM-Express with GLAN
Packing List
Part No.
Description
Quantity
-
SOM-5786 CPU Module
1
-
Utility CD
1
1960005316
Heatspreader (SOM-5786FG-00A1E only)
1
1960005315
Heatspreader (SOM-5786FG-S0A1E and
SOM-5786FG-S6A1E)
1
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125 x 95 x 33.5 mm with 12 V Fan
Embedded OS
OS
Part No.
Description
WinCE
2070007811
CE 6.0 Pro Intel (852/855/915/945)
2 COM V1.2 ENG
Win XPE
2070006671
Image XPE FP2007 SOM-5786 V3.01 ENG


Similar Part No. - SOM-5786FG-S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5786FG-S0A1E ADVANTECH-SOM-5786FG-S0A1E Datasheet
354Kb / 2P
   Intel짰 Core??2 Duo GME965 COM-Express CPU Module
More results

Similar Description - SOM-5786FG-S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5787 ADVANTECH-SOM-5787 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5786 ADVANTECH-SOM-5786 Datasheet
354Kb / 2P
   Intel짰 Core??2 Duo GME965 COM-Express CPU Module
SOM-6787 ADVANTECH-SOM-6787 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Compact Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com