Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVD103D Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THC63LVD103D
Description  160MHz 30Bits COLOR LVDS Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD103D Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THC63LVD103D Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD103D Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright©2011 THine Electronics, Inc.
5/12
THine Electronics, Inc.
THC63LVD103D _Rev.3.0_E
Electrical Characteristics
CMOS/TTL DC Specifications
VCC = 3.0V ~ 3.6V, Ta = 0
~ +70
Notes: 1VDDQ voltage defines max voltage of small swing input. It is not an actual input voltage.
2 Small swing signal is applied to TA[6:0], TB[6:0], TC[6:0], TD[6:0], TE[6:0] and CLKIN.
LVDS Transmitter DC Specifications
VCC = 3.0V ~ 3.6V, Ta = 0
~ +70
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High Level Input Voltage
RS=VCC or GND
2.0
VCC
V
VIL
Low Level Input Voltage
RS=VCC or GND
GND
0.8
V
VDDQ
1
Small Swing Voltage
1.2
2.8
V
VREF
Input Reference Voltage
Small Swing (RS=VDDQ/2)
VDDQ/2
VSH
2
Small Swing High Level
Input Voltage
VREF = VDDQ/2
VDDQ/2
+100mV
V
VSL
2
Small Swing Low Level
Input Voltage
VREF = VDDQ/2
VDDQ/2
-100mV
V
IINC
Input Current
μA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOD
Differential Output Voltage
RL=100
Ω
Normal swing
RS=VCC
250
350
450
mV
Reduced
swing
RS=GND
100
200
300
mV
ΔVOD
Change in VOD between
complementary output states
RL=100
Ω
35
mV
VOC
Common Mode Voltage
1.125
1.25
1.375
V
ΔVOC
Change in VOC between
complementary output states
35
mV
IOS
Output Short Circuit Current
VOUT=0V, RL=100
Ω
-24
mA
IOZ
Output TRI-STATE Current
/PDWN=0V,
VOUT=0V to VCC
μA
°C
°C
0V
V
IN
V
CC
≤≤
10
±
°C
°C
10
±


Similar Part No. - THC63LVD103D

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVD103D

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
THC63LVD104 THINE-THC63LVD104 Datasheet
85Kb / 13P
   90MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD823B THINE-THC63LVD823B_15 Datasheet
314Kb / 22P
   160MHz 51Bits LVDS Transmitter
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
THC63LVD823B THINE-THC63LVD823B Datasheet
170Kb / 21P
   160MHz 51Bits LVDS Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com