Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92315-24XX Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 92315-24XX
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

92315-24XX Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 92315-24XX Datasheet HTML 5Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 6Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 7Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 8Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 9Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 10Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 11Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 12Page - Molex Electronics Ltd. 92315-24XX Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1.27mm (.050") Pitch
Picoflex® PF-50
Header
90800
Right Angle, Low Profile
Features and Benefits
Polarizingsideposts
Stampedcontacts
2pointsofcontactwithfemaleterminal
Kinkedsoldertailsforboardretentionduring
solderprocess
Frictionlock
Reference Information
Packaging:Tube
ToolingInformation:Seeendofsection
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750V
InsulationResistance:1000Megohmsmin.
Mechanical
ContactRetentiontoHousing:7N
MatingForce:Tin—1.7N
UnmatingForce:Tin—0.25N
Durability:Tin—30cyclesmax.(usingextractiontool)
Physical
Housing:Black15%glass-filledpolyester,UL94V-0
Contact:Brass
Plating:SeeTable
PCBThickness:1.60mm±0.20
Circuits
Order No.
Tin 3-5µm Tin over Nickel
Select Gold 0.76µm (30µ")
4
90800-0004
90800-3004
6
90800-0006
90800-3006
8
90800-0008
10
90800-0010
12
90800-0012
90800-3012
14
90800-0014
90800-3014
Circuits
Order No.
Tin 3-5µm Tin over Nickel
Select Gold 0.76µm (30µ")
16
90800-0016
18
90800-0018
20
90800-0020
90800-3020
22
90800-0022
24
90800-0024
90800-3024
26
90800-0026
90800-3026
1.27mm (.050") Pitch
Picoflex® PF-50
Header
91714
Right Angle, Low Profile
High Temperature
Through Hole
Features and Benefits
Polarizingsideposts
Stampedcontacts
Twopointsofcontactwithfemaleterminal
Kinkedsoldertailsforboardretentionduring
solderprocess
Frictionlock
High-temperatureSurfaceMountCompatiblehousing
Reference Information
ProductSpecification:PS-99020-0011
Packaging:Tube
MatesWith:90327
DesignedIn:Millimeters
Electrical
Voltage:250V
Current:1.2A
ContactResistance:15milliohmsmax.
DielectricWithstandingVoltage:750Vrms
InsulationResistance:1000Megohmsmin.
Mechanical
ContactInsertionForce:1.7N
ContactRetentiontoHousing:7N
Durability:30cyclesmin.
Physical
Housing:Natural30%glass-filledNylon,UL94V-0
Contact:Brass
Plating:SeeTable
PCBThickness:1.60mm±0.20
Circuits
Order No.
Tin 3-5µm Tin over Nickeln
Select Gold 0.76µm (30µ")
4
91714-0004
91714-3004
6
91714-0006
91714-3006
8
91714-0008
91714-3008
10
91714-0010
91714-3010
12
91714-0012
91714-3012
14
91714-0014
91714-3014
Circuits
Order No.
Tin 3-5µm Tin over Nickeln
Select Gold 0.76µm (30µ")
16
91714-0016
91714-3016
18
91714-0018
91714-3018
20
91714-0020
91714-3020
22
91714-0022
91714-3022
24
91714-0024
91714-3024
26
91714-0026
91714-3026
9


Similar Part No. - 92315-24XX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92315-2401 MOLEX-92315-2401 Datasheet
64Kb / 1P
   PICOFLEX IDT TO IDT STANDARD ASSEMBLIES
98/06/19
92315-2401 MOLEX-92315-2401 Datasheet
64Kb / 1P
   PICOFLEX IDT TO IDT STANDARD ASSEMBLIES
98/06/19
92315-2401 MOLEX-92315-2401 Datasheet
64Kb / 1P
   PICOFLEX IDT TO IDT STANDARD ASSEMBLIES
98/06/19
92315-2402 MOLEX-92315-2402 Datasheet
64Kb / 1P
   PICOFLEX IDT TO IDT STANDARD ASSEMBLIES
98/06/19
92315-2402 MOLEX-92315-2402 Datasheet
64Kb / 1P
   PICOFLEX IDT TO IDT STANDARD ASSEMBLIES
98/06/19
More results

Similar Description - 92315-24XX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com