Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG7430LFG Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMG7430LFG
Description  This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG7430LFG Datasheet(HTML) 5 Page - Diodes Incorporated

  DMG7430LFG Datasheet HTML 1Page - Diodes Incorporated DMG7430LFG Datasheet HTML 2Page - Diodes Incorporated DMG7430LFG Datasheet HTML 3Page - Diodes Incorporated DMG7430LFG Datasheet HTML 4Page - Diodes Incorporated DMG7430LFG Datasheet HTML 5Page - Diodes Incorporated DMG7430LFG Datasheet HTML 6Page - Diodes Incorporated DMG7430LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMG7430LFG
Document number: DS35497 Rev. 5 - 2
5 of 7
www.diodes.com
February 2012
© Diodes Incorporated
DMG7430LFG
POWERDI is a registered trademark of Diodes Incorporated
0
0.01
0.02
0.03
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 10 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 10A
GS
D
V=
V
I= 20A
GS
D
10
0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 11 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig.12 Diode Forward Voltage vs. Current
T= 25°C
A
0
200
400
600
800
1,000
1,200
1,400
1,600
1,800
2,000
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 13 Typical Junction Capacitance
Ciss
Coss
C
rss
f = 1MHz
010
20
3040
50
60
7080
90 100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 14 Typical Drain-Source Leakage Current vs. Voltage
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
Q
(nC)
g, TOTAL GATE CHARGE
Fig. 15 Gate Charge
V
= 15V
I=
A
DS
D
12


Similar Part No. - DMG7430LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG7430LFG-13 DIODES-DMG7430LFG-13 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG-7 DIODES-DMG7430LFG-7 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFGQ DIODES-DMG7430LFGQ Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMG7430LFGQ-13 DIODES-DMG7430LFGQ-13 Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMG7430LFGQ-7 DIODES-DMG7430LFGQ-7 Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
More results

Similar Description - DMG7430LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG4406LSS DIODES-DMG4406LSS Datasheet
232Kb / 6P
   This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
DMG4511SK4 DIODES-DMG4511SK4 Datasheet
202Kb / 10P
   This new generation MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com