Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP-2R5CM221M-VBR Datasheet(PDF) 2 Page - Nichicon corporation

Part # FP-2R5CM221M-VBR
Description  Functional Polymer Aluminum Solid Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-2R5CM221M-VBR Datasheet(HTML) 2 Page - Nichicon corporation

  FP-2R5CM221M-VBR Datasheet HTML 1Page - Nichicon corporation FP-2R5CM221M-VBR Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NICHICON CORPORATION / FPCAP ELECTRONICS (SUZHOU) CO., LTD.
Frequency Characteristics
* In case of some doubt about measured values, measure after applying rated voltage for 120 minutes at 105
°C.
Part number & Specifications
Part Number (EX) 6.3V, 100μF, VA series
Nichicon P/N
Rated
Voltage
Rated
Capacitance
Leakage
Current*
tanδ
ESR
Rated Ripple
Current
Size
MSL
(V)
(μF, 120Hz)
NICHICON
FPCAP
(μA, 2 min)
(120Hz)
(mΩ,
100kHz)
(mA, r.m.s.)
L×W×H(mm)
(J-STD-020D)
220
RVA0E221MNG
FP-2R5CM221M-VAR
700
0.12
18
2600
7.3 × 4.3 × 2.8
Level 3
220
RVB0E221MNG
FP-2R5CM221M-VBR
700
0.12
15
2800
7.3 × 4.3 × 2.8
Level 3
150
RVA0G151MNG
FP-4R0CM151M-VAR
700
0.12
18
2600
7.3 × 4.3 × 2.8
Level 3
150
RVB0G151MNG
FP-4R0CM151M-VBR
700
0.12
15
2800
7.3 × 4.3 × 2.8
Level 3
100
RVA0J101MNG
FP-6R3CM101M-VAR
700
0.12
25
2000
7.3 × 4.3 × 2.8
Level 3
100
RVB0J101MNG
FP-6R3CM101M-VBR
700
0.12
20
2400
7.3 × 4.3 × 2.8
Level 3
27
RVA1C270MNG
FP-016CM270M-VAR
216
0.12
55
1100
7.3 × 4.3 × 2.8
Level 3
33
RVA1C330MNG
FP-016CM330M-VAR
264
0.12
55
1100
7.3 × 4.3 × 2.8
Level 3
25
15
RVA1E150MNG
FP-025CM150M-VAR
188
0.12
60
1000
7.3 × 4.3 × 2.8
Level 3
16
Part Number
6.3
4.0
2.5
N
R
VA
0J
101
M
G
Type
Series name
Rated
Capacitance
Capacitance
Tolerance
Rated
Voltage
VA
FP
6R3
CM
101
M
R
Rated Voltage
Rated
Capacitance
Capacitance
Tolerance
Series name
FPCAP P/N
Control code
Control code
Taping
code
Taping
code
Commodity
Mark
Classification
Size Code
(N: 7.3
×4.3×2.8)
1
10
100
1000
10000
0.1
1
10
100
1000
10000
6.3V100μF (VA series)
1
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
6.3V100μF (VA series)
Frequency (kHz)
Frequency (kHz)
41


Similar Part No. - FP-2R5CM221M-VBR

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
FP-2R5ME101M-SLR NICHICON-FP-2R5ME101M-SLR Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FP-2R5ME101M-SLR NICHICON-FP-2R5ME101M-SLR Datasheet
735Kb / 2P
   Low Profile
FP-2R5ME102M-HAR NICHICON-FP-2R5ME102M-HAR Datasheet
1Mb / 2P
   FUNCTIONALA POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FP-2R5ME102M-HAR NICHICON-FP-2R5ME102M-HAR Datasheet
681Kb / 2P
   High Capacitance
FP-2R5ME152M-HSR NICHICON-FP-2R5ME152M-HSR Datasheet
1Mb / 2P
   FUNCTIONALA POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - FP-2R5CM221M-VBR

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
R5SERIES NICHICON-R5SERIES Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RSL0E101MCN1GB NICHICON-RSL0E101MCN1GB Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
E5SERIES NICHICON-E5SERIES Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SLSHSERIES NICHICON-SLSHSERIES Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RHT1D151MDN1 NICHICON-RHT1D151MDN1 Datasheet
170Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
PS_PASERIES NICHICON-PS_PASERIES Datasheet
171Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
S6SERIES NICHICON-S6SERIES Datasheet
164Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
RR50E561MDN1XX NICHICON-RR50E561MDN1XX Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FSSERIES NICHICON-FSSERIES Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
R7SERIES NICHICON-R7SERIES Datasheet
1Mb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com