Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC126AT14 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC126AT14
Description  QUADRUPLE 3-STATE BUFFERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC126AT14 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC126AT14 Datasheet HTML 1Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 2Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 3Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 4Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 5Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 6Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 7Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 8Page - Diodes Incorporated 74LVC126AT14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC126A
Document number: DS35266 Rev. 3 - 2
5 of 10
www.diodes.com
June 2012
© Diodes Incorporated
74LVC126A
Switching Characteristics
Parameter
From
(Input)
To
(Output)
Test
Conditions
See
Figure 1
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
Vcc = 1.8V
± 0.15V
1.0
4.2
9.3
1.0
9.8
1.0
11.3
ns
Vcc = 2.5V
± 0.2V
1.0
2.7
6.7
1.0
7.2
1.0
9.3
Vcc = 2.7V
1.0
2.9
5.0
1.0
5.2
1.0
6.5
Vcc = 3.3V
± 0.3V
1.0
2.5
4.5
1.0
4.7
1.0
6.0
ten
OE
Y
Vcc = 1.8V
± 0.15V
1.0
4.8
9.5
1.0
10
1.0
11.5
ns
Vcc = 2.5V
± 0.2V
1.0
2.1
7.8
1.0
8.3
1.0
10.4
Vcc = 2.7V
1.0
2.3
6.1
1.0
6.3
1.0
8.0
Vcc = 3.3V
± 0.3V
1.0
2.5
5.5
1.0
5.7
1.0
7.5
tdis
OE
Y
Vcc = 1.8 V
± 0.15V
1.0
4.4
12.1
1.0
12.5
1.0
14.1
ns
Vcc = 2.5V
± 0.2V
1.0
2.7
8.2
1.0
8.7
1.0
10.8
Vcc = 2.7V
1.0
2.7
6.5
1.0
6.7
1.0
8.5
Vcc = 3.3V
± 0.3V
1.0
2.3
5.8
1.0
6.0
1.0
7.5
tSK(0)
Vcc = 3.3V
± 0.3V
1.0
1.0
1.5
ns
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
Unit
Typ
Typ
Typ
Cpd
Power dissipation
capacitance per gate
f = 10 MHz
7.3
11.2
14.9
pF
CI
Input Capacitance
Vi = VCC – or
GND
4
4
4
pF
Package Characteristics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
159
θJC
Thermal Resistance
Junction-to-Case
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
25
Note:
6. Test condition for SO-14 and TSSOP-14: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Similar Part No. - 74LVC126AT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC126ABQ PHILIPS-74LVC126ABQ Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
More results

Similar Description - 74LVC126AT14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com