Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC14A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC14A
Description  HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC14A Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC14A Datasheet HTML 1Page - Diodes Incorporated 74LVC14A Datasheet HTML 2Page - Diodes Incorporated 74LVC14A Datasheet HTML 3Page - Diodes Incorporated 74LVC14A Datasheet HTML 4Page - Diodes Incorporated 74LVC14A Datasheet HTML 5Page - Diodes Incorporated 74LVC14A Datasheet HTML 6Page - Diodes Incorporated 74LVC14A Datasheet HTML 7Page - Diodes Incorporated 74LVC14A Datasheet HTML 8Page - Diodes Incorporated 74LVC14A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC14A
Document number: DS35262 Rev. 3 - 2
5 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC14A
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
1.65V to1.95V
0.5
4.1
8.9
0.5
8.9
0.5
9.5
ns
2.3V to 2.7V
0.5
3.6
7.0
0.5
7.5
0.5
9.0
2.7V
0.5
3.0
5.3
0.5
5.5
0.5
7.0
3V to 3.6V
0.5
2.5
4.8
0.5
4.8
0.5
6.0
tSK(0)
Output Skew
Time
3V to 3.6V
1.0
1.5
ns
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Typ
Cpd
Power dissipation
capacitance per gate
f = 10MHz
7.0
7.5
8.0
8.6
pF
CI
Input Capacitance
Vi = VCC – or
GND
4
4
4
4
pF
Package Characteristics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
159
θJC
Thermal Resistance
Junction-to-Case
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
25
Note:
6. Test condition for SO-14 and TSSOP-14: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Similar Part No. - 74LVC14A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
logo
STMicroelectronics
74LVC14A STMICROELECTRONICS-74LVC14A Datasheet
252Kb / 12P
   LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC14A NXP-74LVC14A Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14A NXP-74LVC14A Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14A NXP-74LVC14A Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
More results

Similar Description - 74LVC14A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
74AHC14 DIODES-74AHC14 Datasheet
263Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
National Semiconductor ...
74LS14 NSC-74LS14 Datasheet
123Kb / 6P
   Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
[Old version datasheet]   Automotive Hex Inverters with Schmitt-Trigger Inputs
SNC54LS14J TI-SNC54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   54LS14 Hex Inverters with Schmitt Trigger Inputs
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com