Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G125FZ4-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # 74AUP1G125FZ4-7
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G125FZ4-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button 74AUP1G125FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 11Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 12Page - Diodes Incorporated 74AUP1G125FZ4-7 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74AUP1G125
Document number: DS35157 Rev. 1 - 2
9 of 13
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G125
Parameter Measurement Information
TEST
S1
RL
tPLH/tPHL
Open
1M
tPLZ/tPZL
VLOAD
5K
tPHZ/tPZH
GND
5K
VCC
Inputs
VM
VLOAD
CL
V
VI
tr/tf
0.8V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.1V
1.2V ± 0.1V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.1V
1.5V ± 0.1V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.1V
1.8V ± 0.15V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.15V
2.5V ± 0.2V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.15V
3.3V ± 0.3V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.3V
Voltage Waveform Pulse Duration
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as tEN.
F. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AUP1G125FZ4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G125 PHILIPS-74AUP1G125 Datasheet
104Kb / 21P
   Low-power buffer/line driver; 3-state
Rev. 02-30 June 2006
logo
Nexperia B.V. All right...
74AUP1G125 NEXPERIA-74AUP1G125 Datasheet
299Kb / 20P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
74AUP1G125-Q100 NEXPERIA-74AUP1G125-Q100 Datasheet
265Kb / 18P
   Low-power buffer/line driver; 3-state
logo
Texas Instruments
74AUP1G125DBVRE4 TI-74AUP1G125DBVRE4 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DBVRE4 TI-74AUP1G125DBVRE4 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74AUP1G125FZ4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com