Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-8241M Datasheet(PDF) 3 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-8241M
Description  High Transfer Efficiency AC Iuput Type Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-8241M Datasheet(HTML) 3 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-8241M Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-8241M Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-8241M Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-8241M Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-8241M Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-8241M Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12-97
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Terminal Capacitance
Collector Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
Collector Current
*Current Transfer Ratio
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Cut-off Frequency
Response Time (Rise)
Response Time (Fall)
VF
Ct
ICEO
BVCEO
BVECO
IC
CTR
VCE(sat)
RISO
Cf
fc
tr
tf
35
6
6
600
50
1
1.2
50
0.8
100
0.6
6
60
53
1.4
250
1
75
7,500
1.0
1.0
300
250
V
pF
A
V
V
mA
%
V
G
pF
KHz
s
s
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
Operating Temperature
Storage Temperature
*1.Isolation Voltage
*2.Soldering Temperature
Forward Current
Power Dissipation
Collector-Emitter Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
IF
P
VCEO
VECO
IC
PC
Ptot
Topr
Tstg
Viso
Tsol
50
70
35
6
80
150
200
-30~+100
-55~+125
5
260
mA
mW
V
V
mA
mW
mW
KVrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
IF=
20mA
V=0, f=1KHz
VCE=10V
IC=0.1mA
IE=10
A
IF=
1mA VCE=2V
IF=
20mA, IC=5mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCE=5V, IC=2mA
RL=100
, -3dB
VCE=2V, IC=10mA
RL=100
*CTR=
100%
IC
IF


Similar Part No. - LTV-8241M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-8241M LITEON-LTV-8241M Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
More results

Similar Description - LTV-8241M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
logo
Sharp Corporation
PC4N29V SHARP-PC4N29V Datasheet
167Kb / 4P
   HIGH TRANSFER EFFICIENCY GENERAL PURPOSE TYPE PHOTOCOUPLER
PC733 SHARP-PC733 Datasheet
66Kb / 4P
   AC Input Type Photocoupler
PC813 SHARP-PC813 Datasheet
91Kb / 5P
   AC Input Type & High Noise Reduction Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
   High Input Current, AC Input Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
   AC Input Type OPIC Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com