Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G02 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74AUP1G02
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G02 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AUP1G02 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AUP1G02
Document number: DS35146 Rev. 1- 2
5 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G02
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +125°C
Unit
Min
Max
VIH
High-Level Input
Voltage
0.8V to 1.65V
0.80 X VCC
V
1.65V to 1.95V
0.70 X VCC
2.3V to 2.7V
1.6
3.0V to 3.6V
2.0
VIL
Low-Level Input
Voltage
0.8V to 1.65V
0.25 X VCC
V
1.65V to 1.95V
0.30 X VCC
2.3V to 2.7V
0.7
3.0V to 3.6V
0.9
VOH
High-Level Output
Voltage
IOH = -20 μA
0.8V to 3.6V
VCC – 0.11
V
IOH = -1.1 mA
1.1V
0.6 X VCC
IOH = -1.7 mA
1.4V
0.93
IOH = -1.9 mA
1.65V
1.17
IOH = -2.3 mA
2.3V
1.77
IOH = -3.1 mA
1.67
IOH = -2.7 mA
3V
2.40
IOH = -4 mA
2.30
VOL
High-Level Input
Voltage
IOL = 20 μA
0.8V to 3.6V
0.11
V
IOL = 1.1 mA
1.1V
0.33 X VCC
IOL = 1.7 mA
1.4V
0.41
IOL = 1.9 mA
1.65V
0.39
IOL = 2.3 mA
2.3V
0.36
IOL = 3.1 mA
0.50
IOL = 2.7 mA
3V
0.36
IOL = 4 mA
0.50
II
Input Current
A or B Input
VI =GND to 3.6V
0 to 3.6V
± 0.75
μA
IOFF
Power Down
Leakage Current
VI or VO = 0V to 3.6V
0
± 3.5
μA
ΔIOFF
Delta Power Down
Leakage Current
VI or VO = 0V to 3.6V
0V to 0.2V
± 2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
3.0
μA
ΔICC
Additional Supply
Current
Input at VCC -0.6V
Other inputs at VCC or GND
3.3V
75
μA


Similar Part No. - 74AUP1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G02 NXP-74AUP1G02 Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Nexperia B.V. All right...
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
logo
NXP Semiconductors
74AUP1G02GF NXP-74AUP1G02GF Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
74AUP1G02GM NXP-74AUP1G02GM Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
More results

Similar Description - 74AUP1G02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com