Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT-023 Datasheet(PDF) 1 Page - Analog Devices

Part # MT-023
Description  ADC Architectures IV: Sigma-Delta ADC Advanced Concepts and Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-023 Datasheet(HTML) 1 Page - Analog Devices

  MT-023 Datasheet HTML 1Page - Analog Devices MT-023 Datasheet HTML 2Page - Analog Devices MT-023 Datasheet HTML 3Page - Analog Devices MT-023 Datasheet HTML 4Page - Analog Devices MT-023 Datasheet HTML 5Page - Analog Devices MT-023 Datasheet HTML 6Page - Analog Devices MT-023 Datasheet HTML 7Page - Analog Devices MT-023 Datasheet HTML 8Page - Analog Devices MT-023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MT-023
TUTORIAL
ADC Architectures IV: Sigma-Delta ADC Advanced Concepts
and Applications
by Walt Kester
INTRODUCTION
Tutorial MT-022 discussed the basics of
Σ-Δ ADCs. In this tutorial, we will look at some of the
more advanced concepts including idle tones, multi-bit Σ-
Δ, MASH, bandpass Σ-Δ, as well as
some example applications.
IDLE TONE CONSIDERATIONS
In our discussion of
Σ-Δ ADCs up to this point, we have made the assumption that the
quantization noise produced by the
Σ-Δ modulator (see Figure 1) is random and uncorrelated
with the input signal. Unfortunately, this is not entirely the case, especially for the first-order
modulator. Consider the case where we are averaging 16 samples of the modulator output in a 4-
bit
Σ-Δ ADC.
+
_
+VREF
–VREF
DIGITAL
FILTER
AND
DECIMATOR
+
_
CLOCK
Kfs
VIN
N-BITS
fs
fs
A
B
1-BIT DATA
STREAM
1-BIT
DAC
LATCHED
COMPARATOR
(1-BIT ADC)
1-BIT,
K
fs
SIGMA-DELTA MODULATOR
INTEGRATOR
Figure 1: First-Order Sigma-Delta ADC
Figure 2 shows the bit pattern for two input signal conditions: an input signal having the value
8/16, and an input signal having the value 9/16. In the case of the 9/16 signal, the modulator
output bit pattern has an extra "1" every 16th output. This will produce energy at Kfs/16, which
translates into an unwanted tone. If the oversampling ratio (K) is less than 8, this tone will fall
Rev.A, 10/08, WK
Page 1 of 11


Similar Part No. - MT-023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-022 AD-MT-022 Datasheet
295Kb / 12P
   ADC Architectures III: Sigma-Delta ADC Basics
Rev.A, 10/08, WK
More results

Similar Description - MT-023

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-022 AD-MT-022 Datasheet
295Kb / 12P
   ADC Architectures III: Sigma-Delta ADC Basics
Rev.A, 10/08, WK
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com