Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV827S-V Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV827S-V
Description  High Density Mounting Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV827S-V Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV827S-V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV827S-V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV827S-V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV827S-V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV827S-V Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12-110
Package Dimensions
High Density Mounting
Type Photocoupler
LTV-817 Series
Features
Current transfer ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Compact dual-in-line package
LTV-817 : 1-channel type
LTV-827 : 2-channel type
LTV-847 : 4-channel type
UL approved (No. E113898)
TUV approved (No. R9653630)
CSA approved (No. CA91533-1)
FIMKO approved (No. 202634)
NEMKO approved (No. P98101945)
DEMKO approved (No. 307857)
SEMKO approved (No. 9832157/01-03)
VDE approved (No. 094722)
Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)
Applications
1. Computer terminals.
2. System appliances, measuring instruments.
3. Registers, copiers, automatic vending machines.
4. Electric home appliances such as fan heaters, etc.
5. Signal transmission between circuits of different
potentials and impedances.
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Similar Part No. - LTV827S-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV827S-V LITEON-LTV827S-V Datasheet
445Kb / 15P
   Property of Lite-On Only
LTV827S-V LITEON-LTV827S-V Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV827S-V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
   HIgh Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com