Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M50-350XXXX Datasheet(PDF) 1 Page - Harwin Plc

Part # M50-350XXXX
Description  1.27MM PITCH DIL VERTICAL PIN HEADER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M50-350XXXX Datasheet(HTML) 1 Page - Harwin Plc

  M50-350XXXX Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - M50-350XXXX

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M50-3500142 HARWIN-M50-3500142 Datasheet
79Kb / 1P
   1.27 mm PITCH DIL VERTICAL PIN HEADER
M50-3500242 HARWIN-M50-3500242 Datasheet
75Kb / 1P
   1.27mm PITCH DIL VERTICAL PIN HEADER
M50-3500542 HARWIN-M50-3500542 Datasheet
2Mb / 1P
   Archer Connectors . M50
M50-3501542 HARWIN-M50-3501542 Datasheet
75Kb / 1P
   1.27mm PITCH DIL VERTICAL PIN HEADER
M50-3502042 HARWIN-M50-3502042 Datasheet
75Kb / 1P
   1.27mm PITCH DIL VERTICAL PIN HEADER
More results

Similar Description - M50-350XXXX

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M50-3500242 HARWIN-M50-3500242 Datasheet
75Kb / 1P
   1.27mm PITCH DIL VERTICAL PIN HEADER
M50-360XX42 HARWIN-M50-360XX42 Datasheet
56Kb / 1P
   1.27MM PITCH DIL VERTICAL SMT PIN HEADER
logo
List of Unclassifed Man...
M50-3600542 ETC2-M50-3600542 Datasheet
60Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT PIN HEADER
logo
Harwin Plc
M50-360 HARWIN-M50-360_11 Datasheet
60Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT PIN HEADER
M50-3600242 HARWIN-M50-3600242 Datasheet
76Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT PIN HEADER
M50-4700345 HARWIN-M50-4700345 Datasheet
73Kb / 1P
   1.27mm PITCH DIL VERTICAL PIN HEADER ASSY
M50-4800345 HARWIN-M50-4800345 Datasheet
74Kb / 1P
   1.27mm PITCH DIL HORIZONTAL PIN HEADER ASSY
M50-4910545R HARWIN-M50-4910545R Datasheet
132Kb / 2P
   1.27mm PITCH DIL SMT PIN HEADER ASSEMBLY WITH PEGS
M22-2020205 HARWIN-M22-2020205 Datasheet
56Kb / 1P
   2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-2520205 HARWIN-M22-2520205 Datasheet
85Kb / 1P
   2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com