Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR25604STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR25604STRPBF
Description  High and Low Side Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR25604STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IR25604STRPBF Datasheet HTML 1Page - International Rectifier IR25604STRPBF Datasheet HTML 2Page - International Rectifier IR25604STRPBF Datasheet HTML 3Page - International Rectifier IR25604STRPBF Datasheet HTML 4Page - International Rectifier IR25604STRPBF Datasheet HTML 5Page - International Rectifier IR25604STRPBF Datasheet HTML 6Page - International Rectifier IR25604STRPBF Datasheet HTML 7Page - International Rectifier IR25604STRPBF Datasheet HTML 8Page - International Rectifier IR25604STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IR25604SPBF
1
www.irf.com
© 2012 International Rectifier
April 13, 2012
High and Low Side Driver
Ordering Information
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for both channels
3.3V, 5V and 15V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/-5V offset
Lower di/dt gate driver for better noise immunity
Outputs in phase with inputs
Description
The IR25604 is a high voltage, high speed power MOSFET
and IGBT driver with independent high and low side
referenced output channels. Proprietary HVIC and latch
immune CMOS technologies enable ruggedized monolithic
construction. The logic input is compatible with standard
CMOS or LSTTL output, down to 3.3V logic. The output
drivers feature a high pulse current buffer stage designed for
minimum driver cross-conduction. The floating channel can
be used to drive an N-channel power MOSFET or IGBT in
the high side configuration which operates up to 600 V.
Product Summary
VOFFSET
600V max.
IO+/-
200 mA / 350 mA
VOUT
10
– 20V
Ton/off (typ.)
220 & 200 ns
Package Options
8 Lead SOIC
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR25604SPBF
SO8N
Tube
95
IR25604SPBF
IR25604SPBF
SO8N
Tape and Reel
2500
IR25604STRPBF


Similar Part No. - IR25604STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR25604SPBF IRF-IR25604SPBF Datasheet
1Mb / 20P
   High and Low Side Driver
logo
Infineon Technologies A...
IR25604SPBF INFINEON-IR25604SPBF Datasheet
1Mb / 20P
   High and Low Side Driver
March 26,2013
logo
International Rectifier
IR25604SPBF IRF-IR25604SPBF_15 Datasheet
1Mb / 20P
   High and Low Side Driver
More results

Similar Description - IR25604STRPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com