Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW5122A Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHW5122A
Description  450 MHz CATV Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW5122A Datasheet(HTML) 2 Page - Motorola, Inc

  MHW5122A Datasheet HTML 1Page - Motorola, Inc MHW5122A Datasheet HTML 2Page - Motorola, Inc MHW5122A Datasheet HTML 3Page - Motorola, Inc MHW5122A Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MHW5122A
2
MOTOROLA RF DEVICE DATA
*DIN (European Applications Only)
NCTA Channel
Designation
Frequency
(MHz)
DIN Output Level
(dBmV)** (Typ)
DIN Beat Level
dB Relative to Ref. Ch.
P
Q
V
(Ref.)W (Ref.)
253.25
259.25
289.25
295.25
+ 59
+ 59
+ 65
+ 65
≤ –60
M8
M9
(Ref.)M14 (Ref.)
M15
361.25
367.25
397.25
403.25
+ 58
+ 58
+ 64
+ 64
≤ –60
M20
(Ref.)M21 (Ref.)
M22
M23
433.25
439.25
445.25
451.25
+ 63
+ 63
+ 57
+ 57
≤ –60
** DIN (dB
µV) = Reference Channel Level (dBmV) +60 dB


Similar Part No. - MHW5122A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5182 MOTOROLA-MHW5182 Datasheet
63Kb / 4P
   450 MHz CATV Amplifier
MHW5182A MOTOROLA-MHW5182A Datasheet
63Kb / 4P
   450 MHz CATV Amplifier
MHW5185B MOTOROLA-MHW5185B Datasheet
55Kb / 4P
   High Ouput Doubler 450/550 MHz CATV Amplifier Modules
More results

Similar Description - MHW5122A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5342A MOTOROLA-MHW5342A Datasheet
63Kb / 4P
   450 MHz CATV Amplifier
MHW5382A MOTOROLA-MHW5382A Datasheet
62Kb / 4P
   450 MHz CATV Amplifier
MHW5182A MOTOROLA-MHW5182A Datasheet
63Kb / 4P
   450 MHz CATV Amplifier
MHW5222A MOTOROLA-MHW5222A Datasheet
61Kb / 4P
   450 MHz CATV Amplifier
MHW5185B MOTOROLA-MHW5185B Datasheet
55Kb / 4P
   High Ouput Doubler 450/550 MHz CATV Amplifier Modules
MHW6222 MOTOROLA-MHW6222 Datasheet
55Kb / 2P
   550 MHz CATV Amplifier
MHW6142 MOTOROLA-MHW6142 Datasheet
57Kb / 2P
   550 MHz CATV Amplifier
MHW6182 MOTOROLA-MHW6182 Datasheet
56Kb / 2P
   550 MHz CATV Amplifier
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com