Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-725FS Datasheet(PDF) 8 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-725FS
Description  Property of LITE-ON Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-725FS Datasheet(HTML) 8 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-725FS Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-725FS Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Collector-emitter Saturation Voltage
Fig.8 Collector Dark Current vs.
Temperature
Fig.9 Response Time vs. Load
vs. Ambient Temperature
F
Ic= 100mA
I = 20mA
2
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
20
100
1.00
1.20
100
80
60
40
20
1
0.1
1000
O
O
Resistance
10
1000
80
60
40
V
= 200V
CE
1.04
1.08
1.12
1.16
1.14
1.10
1.06
1.02
1.18
100
0.02
100
10
5
50
500
VCE=2V
IC=20mA
Load resistance RL (k )
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Output
Vcc
Test Circuit for Response Time
Test Circuit for Frequency Response
tr
td
tf
ts
0
Frequency f (kHz)
100
Fig.10 Frequency Response
-20
-15
-10
-5
10
1
0.1
VCE=2V
IC= 20mA
RL= 1k
100
10
RL
RD
RL
RD
Part No. : LTV-725F ( M, S, S-TA1 )
Page :
8of 9
BNS-OD-C131/A4


Similar Part No. - LTV-725FS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-725FS LITEON-LTV-725FS Datasheet
191Kb / 9P
   Property of LITE-ON Only
LTV-725FS-TA1 LITEON-LTV-725FS-TA1 Datasheet
191Kb / 9P
   Property of LITE-ON Only
More results

Similar Description - LTV-725FS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com