Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-724FS-TA1 Datasheet(PDF) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-724FS-TA1
Description  Property of LITE-ON Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-724FS-TA1 Datasheet(HTML) 7 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-724FS-TA1 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-724FS-TA1 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
0
-25
Collector-emitter Voltage
Fig.3 Collector Current vs.
Forward Current
Fig.5 Current Transfer Ratio vs.
Forward current IF (mA)
Collector-emitter voltage Vce (V)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
125
200
-25
0
125
50
100
150
200
0
0
2
468
10
0.1
0
110
100
Temperature
o
o
Voltage
IF= 100mA
30mA
10mA
VCE=2V
300
50mA
100
200
150
100
50
250
80
60
40
20
50
100
150
0
255075
100
100
75
050
25
160
0.5
1
100
10
1.9
1.3
Forward voltage (V)
0.9
0.7
1.1
1.5
1.7
60 C
100 C
80 C
o
o
o
o
40 C
o
20 C
PC (MAX.)
Fig.6 Collector Dark Current vs.
Ambient Temperature
Ambient temperature Ta ( C)
100
80
60
40
20
O
1
10
100
1000
V
= 20V
CE
Part No. : LTV-724F ( M, S, -TA1 )
Page :
7of 9
BNS-OD-C131/A4


Similar Part No. - LTV-724FS-TA1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-724FS LITEON-LTV-724FS Datasheet
188Kb / 9P
   Property of LITE-ON Only
More results

Similar Description - LTV-724FS-TA1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com