Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV703VS-V Datasheet(PDF) 2 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV703VS-V
Description  High Collector-Emitter Voltage Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV703VS-V Datasheet(HTML) 2 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV703VS-V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV703VS-V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV703VS-V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV703VS-V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12-46
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
Operating Temperature
Storage Temperature
*1.Isolation Voltage
*2.Soldering Temperature
Forward Current
Reverse Voltage
Power Dissipation
Collector-Emitter Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
Collector-Base Voltage
Emitter-Base Voltage
IF
VR
P
VCEO
VECO
IC
PC
VCBO
VEBO
Ptot
Topr
Tstg
Viso
Tsol
50
6
70
70
6
50
160
70
6
200
-30~+100
-55~+125
5
260
mA
V
mW
V
V
mA
mW
V
V
mW
KVrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Reverse Current
Terminal Capacitance
Collector Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
Collector-Base
Breakdown Voltage
Collector Current
*Current Transfer Ratio
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Cut-off Frequency
Response Time (Rise)
Response Time (Fall)
VF
IR
Ct
ICEO
BVCEO
BVECO
BVCBO
IC
CTR
VCE(sat)
RISO
Cf
fc
tr
tf
70
6
70
4
40
5
1010
1.2
30
0.1
1011
0.6
80
4
3
1.4
10
250
100
32
320
0.2
1.0
15
15
V
A
pF
nA
V
V
V
mA
%
V
pF
KHz
s
s
IF=20mA
VR=4V
V=0, f=1KHz
VCE=20V
IC=0.1mA
IE=10
A
IC=0.1mA
IF=10mA VCE=5V
IF=10mA VCE=5V
IF=20mA, IC=1mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCE=5V, IC=2mA
RL=100
, -3dB
VCE=2V, IC=2mA
RL=100
*CTR=
100%
IC
IF


Similar Part No. - LTV703VS-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV703VS-V LITEON-LTV703VS-V Datasheet
676Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler LTV-703V Series
More results

Similar Description - LTV703VS-V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
   High Sensitivity and High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
   High Collector-emitter Voltage, High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com