Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA14A Datasheet(PDF) 6 Page - Littelfuse

Part # SA14A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SA14A Datasheet(HTML) 6 Page - Littelfuse

Back Button SA14A Datasheet HTML 2Page - Littelfuse SA14A Datasheet HTML 3Page - Littelfuse SA14A Datasheet HTML 4Page - Littelfuse SA14A Datasheet HTML 5Page - Littelfuse SA14A Datasheet HTML 6Page - Littelfuse SA14A Datasheet HTML 7Page - Littelfuse SA14A Datasheet HTML 8Page - Littelfuse SA14A Datasheet HTML 9Page - Littelfuse SA14A Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
2
Transient Voltage Suppression Diodes
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Threats – What Are Transients?
Voltage Transients are defined as short duration surges of
electrical energy and are the result of the sudden release
of energy previously stored or induced by other means,
such as heavy inductive loads or lightning. In electrical
or electronic circuits, this energy can be released in a
predictable manner via controlled switching actions, or
randomly induced into a circuit from external sources.
Repeatable transients are frequently caused by the
operation of motors, generators, or the switching of
reactive circuit components. Random transients, on the
other hand, are often caused by Lightning and Electrostatic
Discharge (ESD). Lightning and ESD generally occur
unpredictably, and may require elaborate monitoring to be
accurately measured, especially if induced at the circuit
board level. Numerous electronics standards groups have
analyzed transient voltage occurrences using accepted
monitoring or testing methods. The key characteristics of
several transients are shown in the table below.
VOLTAGE
CURRENT
RISE-TIME DURATION
Lighting
25kV
20kA
10 μs
1ms
Switching
600V
500A
50μs
500ms
EMP
1kV
10A
20ns
1ms
ESD
15kV
30A
<1ns
100ns
Table 1. Examples of transient sources and magnitude
Characteristics of Transient Voltage Spikes
Transient voltage spikes generally exhibit a “double
exponential” wave, as shown below for lightning and ESD.
t1
t2
Vp
Vp/2
t
Figure 1. Lightning Transient Waveform
100%
90%
I
I
10%
30n
60n
tr = 0.7 to 1.0ns
30
60
Figure 2. ESD Test Waveform
The exponential rise time of lightning is in the range
1.2μsec to 10μsec (essentially 10% to 90%) and the
duration is in the range of 50μsec to 1000μsec (50% of
peak values). ESD on the other hand, is a much shorter
duration event. The rise time has been characterized at less
than 1.0ns. The overall duration is approximately 100ns.
Why are Transients of Increasing Concern?
Component miniaturization has resulted in increased
sensitivity to electrical stresses. Microprocessors for
example, have structures and conductive paths which
are unable to handle high currents from ESD transients.
Such components operate at very low voltages, so
voltage disturbances must be controlled to prevent device
interruption and latent or catastrophic failures.
Sensitive microprocessors are prevelant today in a wide
range of devices. Everything from home appliances, such
as dishwashers, to industrial controls and even toys use
microprocessors to improve functionality and efficiency.
Most vehicles now also employ multiple electronic
systems to control the engine, climate, braking and, in
some cases, steering, traction and safety systems.
Many of the sub- or supporting components (such as
electric motors or accessories) within appliances and
automobiles present transient threats to the entire system.
Careful circuit design should not only factor environmental
scenarios but also the potential effects of these related
components. Table 2 below shows the vulnerability of
various component technologies.
DeviceType
Vulnerability (volts)
VMOS
30-1800
MOSFET
100-200
GaAsFET
100-300
EPROM
100
JFET
140-7000
CMOS
250-3000
Schottky Diodes
300-2500
Bipolar Transistors
380-7000
SCR
680-1000
Table 2: Range of device vulnerability.
Overvoltage Suppression Facts


Similar Part No. - SA14A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA14A MOTOROLA-SA14A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA14A CHENDA-SA14A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA14A MCC-SA14A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA14A LITTELFUSE-SA14A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA14A SOCAY-SA14A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SA14A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com