Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP88740 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP88740
Description  CMOS 8-bit Single Chip Microcomputer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88740 Datasheet(HTML) 1 Page - Sony Corporation

  CXP88740 Datasheet HTML 1Page - Sony Corporation CXP88740 Datasheet HTML 2Page - Sony Corporation CXP88740 Datasheet HTML 3Page - Sony Corporation CXP88740 Datasheet HTML 4Page - Sony Corporation CXP88740 Datasheet HTML 5Page - Sony Corporation CXP88740 Datasheet HTML 6Page - Sony Corporation CXP88740 Datasheet HTML 7Page - Sony Corporation CXP88740 Datasheet HTML 8Page - Sony Corporation CXP88740 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Description
The CXP88732/88740/88748 is a CMOS 8-bit
microcomputer which consists of A/D converter,
serial interface, timer/counter, time base timer, high
precision timing pattern generation circuits, PWM
output, VISS/ VASS circuit, 32kHz timer/counter,
remote control receiving circuit, VSYNC separator
and the measurement circuit which measure signals
of capstan FG amplifier and drum FG/PG amplifier
and
other
servo
systems,
as
well
as
basic
configurations like 8-bit CPU, ROM, RAM and I/O
port. They are integrated into a single chip.
Also, CXP88732/88740/88748 provides sleep/stop
function which enables to lower power consumption.
Features
• A wide instruction set (213 instructions) which cover various types of data
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
250ns at 16MHz operation
122µs at 32kHz operation
• Incorporated ROM capacity
32K bytes (CXP88732)
40K bytes (CXP88740)
48K bytes (CXP88748)
• Incorporated RAM capacity
1344 bytes (including PPG RAM)
• Peripheral function
— A/D converter
8 bits, 14 channels, successive approximation system
(Conversion time of 20µs/16MHz)
— Serial interface
Incorporated 8-bit, 8-stage FIFO for data
(Auto transfer for 1 to 8 bytes), 1 channel
8-bit clock sync type, 1 channel
— Timer
8-bit timer/counter, 2 channels
19-bit time base timer
32kHz timer/counter
— High precision timing pattern generation
PPG 19 pins 32-stage programmable circuit
RTG 5 pins, 1 channel
5-bit, 8-satge FIFO (RECCTL control), 1channel
— PWM/DA gate output
12 bits, 2 channels (Repetitive frequency 62.5kHz/16MHz)
DA gate pulse output, 13 bits, 2 channels
— Analog signal input circuit
Capstan FG amplifier circuit
Drum FG amplifier circuit
Drum PG amplifier circuit
PBCTL amplifier circuit
— CTL write/rewrite circuit
Recording current control circuit
— Servo input control
Capstan FG, Drum FG/PG, CTL input
— VSYNC separator
— FRC capture unit
Incorporated 26-bit and 8-stage FIFO
— PWM output
14-bit, 1 channel
— VISS/VASS circuit
Pulse duty auto detection circuit
— 32kHz timer/event counter
32kHz oscillation circuit, ultra-low speed instruction mode
— Remote control reception circuit
8-bit pulse measurement counter, 6-stage FIFO
— Tri-state output
PPG 1 pin, output 8 pins
— Pseudo HSYNC output function
— High speed head switching circuit
• Interruption
20 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP
• Piggyback/evaluation chip
CXP88800 100-pin ceramic QFP
– 1 –
CXP88732/88740/88748
100 pin QFP (Plastic)
E96109-ST
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Structure
Silicon gate CMOS IC


Similar Part No. - CXP88740

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88100A SONY-CXP88100A Datasheet
145Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP88132 SONY-CXP88132 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88140 SONY-CXP88140 Datasheet
479Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88152 SONY-CXP88152 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP88160 SONY-CXP88160 Datasheet
482Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP88740

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com