Electronic Components Datasheet Search |
|
0550970000 Datasheet(PDF) 9 Page - Weidmuller |
|
0550970000 Datasheet(HTML) 9 Page - Weidmuller |
9 / 52 page 132 Feed-through terminals Dimensions/approvals Width/length/height (mm) with TS 32 Y Width/length/height (mm) with TS 35 W Insulation stripping length/clamping screw/screwdriver blade Rated data according to IEC 60 947-7-1 Rated voltage/current/cross-section Rated impulse voltage/pollution severity Further technical data Tightening torque range Nm Torque setting with electric screwdriver type DMS 2 Clampable conductor Solid H07V-U mm2 Stranded H07V-R mm2 Flexible H07V-K mm2 Flexible H07V-K and ferrule according to DIN 46 228/1 mm2 Plug gauge according to 60 947-7-1 Size Continuous current of terminal for conductor size Continuous current rating of cross-connection 2…5-pole A Continuous current rating of cross-connection 6…10-pole A Rated data according to UL/CSA Voltage/current/conductor size UL Voltage/current/conductor size CSA Ordering data Type KrG End plate, hard paper 0205100000 0205200000 tropic-proof 0180700000, 0205300000 0180800000, 0205400000 tropic-proof Partition, hard paper (thickness in mm) 0151400000 0164600000 tropic-proof 0177100000 B/L/H (incl. TS 32) mm 0179900000 B/L/H (incl. TS 35) mm Cross-connection 2-pole 3-pole 4-pole Cover Marking tags Print DEK Standard Terminals/Accessories SAKG 28 I SAKG 28 II The Weidmüller SAKG range offers the fol- lowing connection variants: • clamping yoke/flat lug as a combination, Version I. • flat lug, Version II. Two types of threading are provided here. a) screw set with lock nut b) with thread in busbar • clamping yoke connection, Version III. The stripped conductor can be connec- ted without further preparation. Versions Version I Version II without thread Version II G Version III with thread Cables with cable lugs are connected to SAKG terminals of Version I and to SS stud terminals. Fitting instructions for SAKG terminals When tightening the clamping screw, it is recommended that the conductor be held against the direction of tightening to pre- vent deformation of the mounting rail and so as not to place the terminal foot under undue torsional forces. Cover To ensure shock protection following connections of conductors, AH covers can be clipped onto the terminal. a r # u 28/70/63.5 15 mm/M 6/– 1000 V*/125 A/35 mm2 8 kV/3 3…6 6…35 6…35 10…35 6…35 B 9 125 A/35 mm2 (QL 2) 125 600 V/95 A/2 AWG 600 V/110 A/6…1 AWG Y Cat. No. Qty. 0170020000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. Y Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120/75.5 QL 2 0193900000 5 QL 3 0407600000 5 QL 4 0407700000 5 AH 28 0326660000 5 DEK 5 see “Accessories” a r # u DNV 28/70/53 –/M 6/– 1000 V*/125 A/35 mm2 8 kV/3 3…6 125 A/35 mm2 (QL 2) 125 600 V/115 A/2 AWG 600 V/110 A/6…1 AWG Y Cat. No. Qty. 0170320000 10 Y Cat. No. Qty. EP 1 (2) 0205100000 10 EP 1 (2) 0205200000 10 W Cat. No. Qty. Y Qty. TW 1 (2) 0151400000 10 TW 1 (2) 0164600000 10 2/120/75.5 QL 2 0193900000 5 QL 3 0407600000 5 QL 4 0407700000 5 AH 28 0326660000 5 DEK 5 see “Accessories” Y Y During conductor connection, observe clearance and creepage distances. Insert partitions if necessary. Mounting rails, end brackets, further marking material see “Accessories” |
Similar Part No. - 0550970000 |
|
Similar Description - 0550970000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |