Electronic Components Datasheet Search |
|
030-8591-000 Datasheet(PDF) 5 Page - ITT Industries |
|
030-8591-000 Datasheet(HTML) 5 Page - ITT Industries |
5 / 56 page CannonVG/CA-Bayonet 5 www.ittcannon.com Dimensionsshowninmm Specificationsanddimensionssubjecttochange Mechanical Features Ambient temperature Standard insulator material –55°/125°C (– 67/257°F) FKM insulator material* –30°/200°C (–22/392°F) Safety provisions** IP 67 acc. to DIN 40 050 (1 bar pressure after 12 hrs.) Vibration test 200 m/s2 at 10 to 2000 Hz Mating cycles 500 min. Separating force per contact. The corresponding separating force has to be measured according to VG95319, part 2, test no. 5.7. using the required test gage. Contact size Separating force min. metric AWG N Gage 10 – 0,3 G 0,99 15S/15 16S/16 1,0 G 1,56 25 12 1,5 G 2,36 60/100 8 3,0 G 3,58 160 4 4,0 G 5,69 500 0 8,5 G 9,04 Gage (see also VG 95234, Part 1) Coupling torque The allowable coupling torques have to be tested under full bundle conditions of the connectors to VG95319, part 2, test no. 5.8.2. Shell Allowable coupling torque size closing and opening Opening Nm max. Nm min. 10SL 1,7 0,15 12S 2,5 0,23 14S 3,6 0,35 16S/16 5,5 0,46 18 8 0,58 20 9 0,7 22 11 0,8 24 14 0,8 28 17 0,92 32 19 1,03 36 23 1,03 Contact retention The contact retention has to be tested according to VG95319, part 2, test no. 5.4. Test force direction = Mating direction. Contact Test force size AWG N 10 – 30 15S/15 16S/16 35 25 12 55 60/100 8 80 160 4 90 500 0 95 Materials Shell Aluminum alloy Standard finish Olive drab chromate coating over cadmium plating Alternative finish Zinc cobalt (see page 9 – Modification) Insulator Polychloroprene (Standard) and grommets FKM (High temperature)* Contacts Copper alloy Standard finish Hard silver Special finish A176 nickel and hard gold plating ** upon request ** Longitudinal sealing: The connector is not sealed against fluids entering through the cable, as the sealing lips of the single wire sealing are pressing against the jacket of the individual cables. Gage Contact diameter d L +0,01 –1 G 0,99 0,99 7 G 1,56 1,56 9 G 2,36 2,36 12 G 3,58 3,58 13 G 5,69 5,69 13 G 9,04 9,04 13 |
Similar Part No. - 030-8591-000 |
|
Similar Description - 030-8591-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |