Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-8588-054 Datasheet(PDF) 5 Page - ITT Industries

Part # 030-8588-054
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8588-054 Datasheet(HTML) 5 Page - ITT Industries

  030-8588-054 Datasheet HTML 1Page - ITT Industries 030-8588-054 Datasheet HTML 2Page - ITT Industries 030-8588-054 Datasheet HTML 3Page - ITT Industries 030-8588-054 Datasheet HTML 4Page - ITT Industries 030-8588-054 Datasheet HTML 5Page - ITT Industries 030-8588-054 Datasheet HTML 6Page - ITT Industries 030-8588-054 Datasheet HTML 7Page - ITT Industries 030-8588-054 Datasheet HTML 8Page - ITT Industries 030-8588-054 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
CannonVG/CA-Bayonet
5
www.ittcannon.com
Dimensionsshowninmm
Specificationsanddimensionssubjecttochange
Mechanical Features
Ambient temperature
Standard insulator material
–55°/125°C (– 67/257°F)
FKM insulator material*
–30°/200°C (–22/392°F)
Safety provisions**
IP 67 acc. to DIN 40 050
(1 bar pressure after 12 hrs.)
Vibration test
200 m/s2 at 10 to 2000 Hz
Mating cycles
500 min.
Separating force per contact.
The corresponding separating force has to be measured
according to VG95319, part 2, test no. 5.7. using the required
test gage.
Contact size
Separating force min.
metric
AWG
N
Gage
10
0,3
G 0,99
15S/15
16S/16
1,0
G 1,56
25
12
1,5
G 2,36
60/100
8
3,0
G 3,58
160
4
4,0
G 5,69
500
0
8,5
G 9,04
Gage
(see also VG 95234, Part 1)
Coupling torque
The allowable coupling torques have to be tested under full
bundle conditions of the connectors to VG95319, part 2, test no.
5.8.2.
Shell
Allowable coupling torque
size
closing and opening
Opening
Nm max.
Nm min.
10SL
1,7
0,15
12S
2,5
0,23
14S
3,6
0,35
16S/16
5,5
0,46
18
8
0,58
20
9
0,7
22
11
0,8
24
14
0,8
28
17
0,92
32
19
1,03
36
23
1,03
Contact retention
The contact retention has to be tested according to VG95319,
part 2, test no. 5.4. Test force direction = Mating direction.
Contact
Test force
size
AWG
N
10
30
15S/15
16S/16
35
25
12
55
60/100
8
80
160
4
90
500
0
95
Materials
Shell
Aluminum alloy
Standard finish
Olive drab chromate coating over
cadmium plating
Alternative finish
Zinc cobalt (see page 9 –
Modification)
Insulator
Polychloroprene (Standard)
and grommets
FKM (High temperature)*
Contacts
Copper alloy
Standard finish
Hard silver
Special finish
A176 nickel and hard gold plating
** upon request
** Longitudinal sealing: The connector is not sealed against fluids entering
through the cable, as the sealing lips of the single wire sealing are pressing
against the jacket of the individual cables.
Gage
Contact diameter d
L
+0,01
–1
G 0,99
0,99
7
G 1,56
1,56
9
G 2,36
2,36
12
G 3,58
3,58
13
G 5,69
5,69
13
G 9,04
9,04
13


Similar Part No. - 030-8588-054

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8581-029 ITT-030-8581-029 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-030 ITT-030-8581-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-031 ITT-030-8581-031 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-032 ITT-030-8581-032 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-033 ITT-030-8581-033 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8588-054

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com