Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-8588-054 Datasheet(PDF) 3 Page - ITT Industries

Part # 030-8588-054
Description  cannon ca-bayonet connectors in accordance with vg95234
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-8588-054 Datasheet(HTML) 3 Page - ITT Industries

  030-8588-054 Datasheet HTML 1Page - ITT Industries 030-8588-054 Datasheet HTML 2Page - ITT Industries 030-8588-054 Datasheet HTML 3Page - ITT Industries 030-8588-054 Datasheet HTML 4Page - ITT Industries 030-8588-054 Datasheet HTML 5Page - ITT Industries 030-8588-054 Datasheet HTML 6Page - ITT Industries 030-8588-054 Datasheet HTML 7Page - ITT Industries 030-8588-054 Datasheet HTML 8Page - ITT Industries 030-8588-054 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Introduction
Cannon CA-Bayonet series was designed in accordance with
the VG95234 specification. This versatile and highly reliable
connector series is an improvement on the well established
MIL-C-5015 series. CA-Bayonet has a proven bayonet coupling
design that offers exceptional vibration protected sealing
against fluids, and easy connection/disconnection.
Initially designed for aircraft and airborne applications, these
rugged connectors are used in the electrical equipment of
trucks, off-road vehicles, ships, earth-moving equipment,
telecommunications and others.
Connectors in accordance with VG95234 are interchangeable
with the corresponding MIL-C-5015 connectors. Both connector
lines feature the same shell dimensions and contacts layouts.
However, due to the different coupling systems (MIL-C-5015
threaded coupling, VG95234 bayonet coupling) they are not
intermateable.
Advantages
– rugged shell design
– environmental
– bayonet coupling for easy mating and unmating
– vibration proof
– waterproof up to 1 bar (35 feet of water)
Cannon has the complete VG95234 program available and, in
addition, many other types which exceed the requirements of
VG95234 and MIL-C-5015.
www.ittcannon.com
CannonVG/CA-Bayonet
Attention:
Metal shell connectors which may be touched are not
suitable for mains power. See page 54 for Product Safety
Information, para. 5.
* European Community “Old Car” directive (2000/53/EG)
* European Community Waste Electrical and Electronic Equipment (WEEE)
2000/0158
* European Community restrictions of use of certain hazardous substances
in WEEE (ROS) (2000/0159)
Pincontact Pininsulator
BarrelSealingring EndringGrommet
Bayonet
couplingnut
Shell Socketinsulator
Socketcontact
Endbell
3
Connector Design
Due to the rugged shell made of an aluminium alloy, these
connectors withstand most severe conditions. Olive drab
chromate coating over cadmium plating protects the surface of
the shell.
Cannon offers zinc cobalt plating as an alternative to customers
who refuse cadmium plating and also as a general
improvement of the zinc plating.
The insulators are made of high quality polychloroprene and
withstand temperatures from -67°/+257°F (-55/125°C). This
material is self-extinguishing, resistant against hydraulic fluids,
jet fuel, diesel fuel, gasolines, lubricants, brake and fire
extinguisher fluids.
The contacts are made of copper alloy plated with a hard silver
finish guarantee at least 500 mating cycles.
All solder contacts feature a special passivation to comply with
ROHS requirements. The crimp contacts allow highly reliable
crimping with wires according to TL 6145-009, TL 6145-011
and MIL-W-5086 when using the recommended tools accord-
ing to VG95234. Crimp contacts can be exchanged at least five
times due to the contact retention.
The insulators are made of high quality polychloroprene and
withstand temperatures from -67°/+257°F (-55/125°C). This
material is self-extinguishing, resistant against hydraulic fluids,
The bayonet design allows fast and easy coupling and
uncoupling. An audible control by metallic sound and visual
control by colour-marked snap-in position offer additional
coupling security.
VG connectors are basically designed for single wire harnessing.
For full environmental sealing each conductor is sealed
completely within the grommet. Under certain conditions,
jacketed cables can be used for the shell styles E, G, M and N.


Similar Part No. - 030-8588-054

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-8581-029 ITT-030-8581-029 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-030 ITT-030-8581-030 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-031 ITT-030-8581-031 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-032 ITT-030-8581-032 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
030-8581-033 ITT-030-8581-033 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 030-8588-054

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA07A24-28PB ITT-CA07A24-28PB Datasheet
646Kb / 2P
   CA Bayonet Connector
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com